Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP-480 Datasheet (PDF) - Total Power International

DRP-480 Datasheet PDF - Total Power International
Part # DRP-480
Download  DRP-480 Download
File Size   227.91 Kbytes
Page   2 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description 480W Single Output Industrial DIN RAIL with PFC Function

DRP-480 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRP-480 Datasheet PDF - Total Power International

Part # DRP-480
Download  DRP-480 Click to download

File Size   227.91 Kbytes
Page   2 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description 480W Single Output Industrial DIN RAIL with PFC Function

DRP-480 Datasheet (HTML) - Total Power International


DRP-480 Product details

Features :
• Built-in passive PFC function compliance to EN61000-3-2
• High efficiency 89% and low dissipation
• Protections:Short circuit/Over load/Over voltage/Over temperature
• Cooling by free air convection
• Built-in constant current limiting circuit
• Can be installed on DIN rail TS-35/7.5 or 15
• UL 508(industrial control equipment)approved
• EN61000-6-2(EN50082-2) industrial immunity level
• 100% full load burn-in test
• 3 years warranty




Similar Part No. - DRP-480

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-480 MEANWELL-DRP-480 Datasheet
151Kb / 2P
480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480 Datasheet
160Kb / 2P
480W Single Output Industrial DIN RAIL with PFC Function
logo
Astrodyne Corporation
DRP-480-24 ASTRODYNE-DRP-480-24 Datasheet
566Kb / 4P
480W Single Output Industrial DIN RAIL with PFC Function(PFC function for DRP-480 only)
logo
Mean Well Enterprises C...
DRP-480-24 MEANWELL-DRP-480-24 Datasheet
151Kb / 2P
480W Single Output Industrial DIN RAIL with PFC Function
DRP-480-24 MEANWELL-DRP-480-24 Datasheet
160Kb / 2P
480W Single Output Industrial DIN RAIL with PFC Function
More results


Similar Description - DRP-480

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-480 MEANWELL-DRP-480 Datasheet
151Kb / 2P
480W Single Output Industrial DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S Datasheet
149Kb / 2P
480W Single Output DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_09 Datasheet
160Kb / 2P
480W Single Output Industrial DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S_09 Datasheet
159Kb / 2P
480W Single Output DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_10 Datasheet
424Kb / 3P
480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_11 Datasheet
424Kb / 3P
480W Single Output Industrial DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S_11 Datasheet
159Kb / 2P
480W Single Output DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
480W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
480W Single Output DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
480W Single Output Industrial DIN RAIL with PFC Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com