Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-PCC001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-PCC001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-PCC001V1
Download  STEVAL-PCC001V1 Download
File Size   88.0 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Full speed USB to serial bridge based on ST72F65

STEVAL-PCC001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-PCC001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-PCC001V1
Download  STEVAL-PCC001V1 Click to download

File Size   88.0 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Full speed USB to serial bridge based on ST72F65

STEVAL-PCC001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-PCC001V1 Product details

Description
This evaluation kit demonstrates the use of the USB full-speed microcontroller ST72651 as a bridge between the USB and the RS232 interface, providing an additional serial port on computers equipped with USB. In addition, this evaluation kit demonstrates a simple method for connecting the USB microcontroller ST72651 to the PC without need of a proprietary driver. Several generalpurpose input/output pins of the ST72651 are provided on the external connector, thus providing a way to connect additional circuitry and allow customized USB applications. The evaluation board can be reprogrammed easily with a user code through the in-circuit communication (ICC) connector STEVAL-PCC001V1

Features
■ Communication speeds implemented (baud/s): 2400, 4800, 9600, 14400, 19200, 28800, 38400, 56000, 57600, 115200, 128000, 256000
■ Half-duplex communication
■ 8-bit or 7-bit data + 1-bit parity (even/odd)




Similar Part No. - STEVAL-PCC001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
04-May-2010
STEVAL-PCC009V2 STMICROELECTRONICS-STEVAL-PCC009V2 Datasheet
142Kb / 7P
IBU universal interface based on the STM32x
28-Jun-2010
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
STEVAL-PCC009V4 STMICROELECTRONICS-STEVAL-PCC009V4 Datasheet
420Kb / 8P
Opto-isolated universal USB to serial bridge demonstration board for motor control applications
16-Jul-2012
More results


Similar Description - STEVAL-PCC001V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
USB to Serial Bridge Controller
logo
NXP Semiconductors
LPC214X NXP-LPC214X Datasheet
258Kb / 2P
ARM7-based microcontrollers with full-speed USB 2.0
January 2007
logo
STMicroelectronics
STEVAL-ISQ006V1 STMICROELECTRONICS-STEVAL-ISQ006V1 Datasheet
292Kb / 5P
USB to PMBus bridge demonstration board based on the ST72F651
28-Nov-2008
STEVAL-PCC015V1 STMICROELECTRONICS-STEVAL-PCC015V1 Datasheet
222Kb / 4P
Full speed USB to RS232 bridge
20-Feb-2012
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303GL PROLIFIC-PL2303GL Datasheet
120Kb / 1P
USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
USB to Serial Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com