Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-TCS001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-TCS001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-TCS001V1
Download  STEVAL-TCS001V1 Download
File Size   228.46 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401

STEVAL-TCS001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TCS001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-TCS001V1
Download  STEVAL-TCS001V1 Click to download

File Size   228.46 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401

STEVAL-TCS001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-TCS001V1 Product details

Description
The objective of this STEVAL-TCS001V1 demonstration board is to display to the user the features and capabilities of the port expander chip STMPE2401 using a windows-based host software application and one of several USB lowspeed microcontrollers ST72F63B from ST acting as a control device. In this demonstration board, the ST72F63B microcontroller acts as the I²C master and controls two STMPE2401 devices functioning as I²C slaves. The two STMPE2401 devices are used to interface LCD, normal keypad, rotator controller, dedicated keys and 6 PWM outputs. All these interfaces are controlled by just using I²C communication between master and slave devices. All events like dedicated key press (four direction keys), keypad key press (4 x 4 keypad), rotator direction, power mode etc. are captured and displayed in LCD screen and in the scan window of PC GUI. For interfacing with the PC GUI, the application layer is built above the USB core library that makes all the hardware control of the USB interface transparent for the developers. The PC GUI supports various power saving modes of port expander and wake up feature to get back to default operational mode. In addition the board has the provision for an alternate I²C path for external control. The board also has ICC connectors to re-program the ST7 microcontroller Flash memory. STEVAL-TCS001V1

Features
■ User friendly environment – Standalone mode – PC GUI mode
■ Dual power supplies – USB – External supply
■ Full support with various "power saving" modes of port expander




Similar Part No. - STEVAL-TCS001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TCS003V1 STMICROELECTRONICS-STEVAL-TCS003V1 Datasheet
304Kb / 5P
24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
October 2009 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
More results


Similar Description - STEVAL-TCS001V1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
TSC with Keypad Scanner and GPIO Expander
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
10-Jan-2008
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
02-Jun-2008
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
logo
STMicroelectronics
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic™ 18-bit enhanced port expander with keypad controller
March 2011 Rev 3
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
19-Feb-2009
STEVAL-TCS003V1 STMICROELECTRONICS-STEVAL-TCS003V1 Datasheet
304Kb / 5P
24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
October 2009 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com