Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-TLL012V1 Datasheet (PDF) - STMicroelectronics

STEVAL-TLL012V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-TLL012V1
Download  STEVAL-TLL012V1 Download
File Size   251.3 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Full RGB function support

STEVAL-TLL012V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TLL012V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-TLL012V1
Download  STEVAL-TLL012V1 Click to download

File Size   251.3 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Full RGB function support

STEVAL-TLL012V1 Datasheet (HTML) - STMicroelectronics


STEVAL-TLL012V1 Product details

Description
The STEVAL-TLL012V1 demonstration board demonstrates the performance of the STP4CMP, a charge pump based 4-channel LED driver designed for RGB illumination or LCD display backlighting. This device works off a battery with an input voltage between 2.7 V - 5.5 V. The device generates regulated current sinks with high

Features
■ Operating voltage range: 2.7 V to 5.5 V
■ Full RGB function support
■ 4-channel LED driver with individual ON/OFF control directly from input pins
■ Individual programmable output current for the 4 channels through 4 external resistors with a max. capability of 30 mA




Similar Part No. - STEVAL-TLL012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL011V1 STMICROELECTRONICS-STEVAL-TLL011V1 Datasheet
221Kb / 4P
Driver for up to 40 white LEDs for mid-sized LCD display backlight based on the STLD41
May 2012 Rev 2
STEVAL-TLL013V1 STMICROELECTRONICS-STEVAL-TLL013V1 Datasheet
103Kb / 4P
5-channel (2 LEDs in series per channel) step-up white LED driver demonstration board based on the STLED25
21-Sep-2011
More results


Similar Description - STEVAL-TLL012V1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
Kingbright Corporation
LF819EMBGMBC KINGBRIGHT-LF819EMBGMBC Datasheet
288Kb / 3P
10mm FULL COLOR RGB LAMPS
logo
P-tec Corporation
PL16N-WDRGB190503 P-TEC-PL16N-WDRGB190503 Datasheet
31Kb / 1P
5mm (T1쩐) Full Color (RGB) LED
logo
KODENSHI_AUK CORP.
LM618 KODENSHI-LM618 Datasheet
293Kb / 1P
High-Brightness RGB Full Color
LM620 KODENSHI-LM620 Datasheet
339Kb / 1P
High-Brightness RGB Full Color
LM803 KODENSHI-LM803 Datasheet
290Kb / 1P
High-Brightness RGB Full Color
logo
TT Electronics.
OVSRRGBCC3 TTELEC-OVSRRGBCC3 Datasheet
1Mb / 7P
Full-color RGB
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
Full-color RGB
logo
List of Unclassifed Man...
APA102C ETC1-APA102C Datasheet
880Kb / 5P
rgb full color led control ic
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com