Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO617C Datasheet (PDF) - Vishay Siliconix

VO617C Datasheet PDF - Vishay Siliconix
Part # VO617C
Download  VO617C Download
File Size   161.61 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS

VO617C Datasheet (PDF)

Go To PDF Page Download Datasheet
VO617C Datasheet PDF - Vishay Siliconix

Part # VO617C
Download  VO617C Click to download

File Size   161.61 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS

VO617C Datasheet (HTML) - Vishay Siliconix


VO617C Product details

• Copper lead-frame
• Operating temperature from - 55 °C to + 110 °C
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 80 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing




Similar Part No. - VO617C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617C VISHAY-VO617C Datasheet
158Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO617C VISHAY-VO617C Datasheet
159Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO617C-1X016 VISHAY-VO617C-1X016 Datasheet
158Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO617C-2 VISHAY-VO617C-2 Datasheet
158Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO617C-2X001 VISHAY-VO617C-2X001 Datasheet
158Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
More results


Similar Description - VO617C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-Mar-06
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
28-Oct-14
VO615C VISHAY-VO615C Datasheet
153Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO618A VISHAY-VO618A_15 Datasheet
222Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
VO615C VISHAY-VO615C_V01 Datasheet
150Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO617C VISHAY-VO617C_V01 Datasheet
158Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO618A VISHAY-VO618A_V01 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
VO615C VISHAY-VO615C_V02 Datasheet
150Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO617C VISHAY-VO617C_V02 Datasheet
159Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO618A VISHAY-VO618A_V02 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com