Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT68P62U Datasheet (PDF) - List of Unclassifed Manufacturers

NT68P62U Datasheet PDF - List of Unclassifed Manufacturers
Part # NT68P62U
Download  NT68P62U Download
File Size   528.7 Kbytes
Page   56 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-Bit Microcontroller for Monitor (32K OTP ROM Type)

NT68P62U Datasheet (PDF)

Go To PDF Page Download Datasheet
NT68P62U Datasheet PDF - List of Unclassifed Manufacturers

Part # NT68P62U
Download  NT68P62U Click to download

File Size   528.7 Kbytes
Page   56 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-Bit Microcontroller for Monitor (32K OTP ROM Type)

NT68P62U Datasheet (HTML) - List of Unclassifed Manufacturers


NT68P62U Product details

[NOVATEK]

General Description
The NT68P62 is a new generation of monitor mC for autosync and digital control applications. Particularly, this chip supports various and efficient functions to allow users to easily develop USB monitors. It contains the 6502 8-bit CPU core, 512 bytes of RAM used as working RAM and stack area, 32K bytes of OTP ROM, 13-channel of 8-bit PWM D/A converters, 4-channel A/D converters for keys detection which can save I/O pins, one 8-bit pre-loadable base timer, internal Hsync and Vsync signals processor, and a watch-dog timer which prevents the system from abnormal operation and two I2C bus interface. The user can store EDID data in the 128 bytes of RAM for DDC1/2B, so that user can reduce a dedicated EEPROM for EDID. And Half frequency output function can save external oneshot circuit. All of these designs are committed to offer our user saving component cost. The 42 pin S-DIP IC provides two additional I/O pins – port40 & port41, Part number NT68P62U represents the S-DIP IC. For future reference, port40 & port42 is only available for the 42 pin S-DIP IC.

Features
■ Operating voltage range: 4.5V to 5.5V
■ CMOS technology for low power consumption
■ 6502 8-bit CMOS CPU core
■ 8 MHz operation frequency
■ 32K bytes of OTP (one time programming) ROM
■ 512 bytes of RAM
■ One 8-bit base timer
■ 13 channels of 8-bit PWM outputs with 5V open drain
■ 4 channel A/D converters with 6-bit resolution
■ 25 bi-directional I/O port pins (8 dedicated I/O pins)
■ Hsync/vsync signals processor for separate & composite signal, including hardware sync signals polarity detection and freq. counters with 2 sets of Hsync counting interval
■ Hsync/Vsync polarity controlled output, 5 selectable free run output signals and self-test patterns, automute function, half freq. I/O function
■ Two built-in I2C bus interfaces support VESA DDC1/2B+
■ Two layers of interrupt management
■   NMI interrupt sources
        - INTE0 (External INT with selectable edge trigger)
        - INTMUTE (Auto Mute Activated)
    IRQ interrupt sources
        - INTS0/1 (SCL Go-low INT)
        - INTA0/1 (Slave Address Matched INT)
        - INTTX0/1 (Shift Register INT)
        - INTRX0/1 (Shift Register INT)
        - INTNAK0/1 (No Acknowledge)
        - INTSTOP0/1 (Stop Condition Occurred INT)
        - INTE1 (External INT with Selectable Edge Trigger)
        - INTV (VSYNC INT)
        - INTMR (Base Timer INT)
        - INTADC (AD Conversion Done INT)
■ Hardware watch-dog timer function
■ 40-pin P-DIP and 42-pin S-DIP packages




Similar Part No. - NT68P62U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68P61A ETC-NT68P61A Datasheet
1Mb / 48P
8-Bit Microcontroller for Monitor (24K OTP ROM Type)
More results


Similar Description - NT68P62U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68P61A ETC-NT68P61A Datasheet
1Mb / 48P
8-Bit Microcontroller for Monitor (24K OTP ROM Type)
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ELAN Microelectronics C...
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
8-Bit Microcontroller with OTP ROM
logo
SHENZHEN FUMAN ELECTRON...
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com