Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPTIC-39G2 Datasheet (PDF) - STMicroelectronics

STPTIC-39G2 Datasheet PDF - STMicroelectronics
Part # STPTIC-39G2
Download  STPTIC-39G2 Download
File Size   481.12 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High linearity

STPTIC-39G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPTIC-39G2 Datasheet PDF - STMicroelectronics

Part # STPTIC-39G2
Download  STPTIC-39G2 Click to download

File Size   481.12 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High linearity

STPTIC-39G2 Datasheet (HTML) - STMicroelectronics


STPTIC-39G2 Product details

Description
The ST integrated tunable capacitor offers excellent RF performance, low power consumption and high linearity required in adaptive RF tuning applications. The fundamental building block of PTIC is a tunable material called Parascan™, which is a version of barium strontium titanate (BST) developed by Paratek microwave. BST capacitors are tunable capacitors intended for use in mobile phone application and dedicated to RF tunable applications. These tunable capacitors are controlled through an extended bias voltage ranging from 1 to 24 V. The implementation of BST tunable capacitor in mobile phones enables significant improvement in terms of radiated performance making the performance almost insensitive to the external environment.

Features
■ High power capability
■ 5:1 tuning range
■ High linearity
■ High quality factor (Q)
■ Low leakage current
■ Compatible with high voltage control IC (STHVDAC series)
■ Available in wafer level chip scale package: – WLCSP package 0.61 x 0.66 x 0.3 mm
■ ECOPACK®2 compliant component Benefit
■ RF tunable passive implementation in mobile phones to optimize antenna radiated performance

Applications
■ Cellular antenna open loop tunable matching network in multi-band GSM/WCDMA/LTE mobile phone
■ Open loop tunable RF filters




Similar Part No. - STPTIC-39G2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-39G2C5 STMICROELECTRONICS-STPTIC-39G2C5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-39G2H5 STMICROELECTRONICS-STPTIC-39G2H5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-39G2M6 STMICROELECTRONICS-STPTIC-39G2M6 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
More results


Similar Description - STPTIC-39G2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
High Linearity SP3T
Rev 2.0
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
High linearity
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
High linearity
logo
Analog Devices
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
High linearity input
Rev. 0
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
High linearity
10-Jul-2015
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
High linearity
22-Jul-2015
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com