Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA637 Datasheet (PDF) - NXP Semiconductors

SA637 Datasheet PDF - NXP Semiconductors
Part # SA637
Download  SA637 Download
File Size   144.3 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage digital IF receiver

SA637 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA637 Datasheet PDF - NXP Semiconductors

Part # SA637
Download  SA637 Click to download

File Size   144.3 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage digital IF receiver

SA637 Datasheet (HTML) - NXP Semiconductors


SA637 Product details

DESCRIPTION

The SA637 is a low-voltage high performance monolithic digital system with high-speed RSSI incorporating a mixer, oscillator with buffered output, two limiting intermediate frequency amplifiers, fast logarithmic

received signal strength indicator (RSSI), voltage regulator, RSSI op amp and power down pin. The SA637 is available in SSOP (shrink small outline package).



FEATURES

•VCC= 2.7 to 5.5V

•Low power receiver (3.8mA @ 3V)

•Power down mode (ICC= 110µA)

•Fast RSSI rise and fall times

•Extended RSSI range with temperature compensation

•RSSI op amp

•2MHz limiter small signal bandwidth

•455kHz filter matching (1.5kΩ)

•Differential limiter output

•Oscillator buffer

•SSOP-20 package



APPLICATIONS

•ADC (American Digital Cellular)

•Digital receiver systems

•Cellular radio




Similar Part No. - SA637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA630 PHILIPS-SA630 Datasheet
282Kb / 14P
Single pole double throw SPDT switch
1997 Nov 07
SA630 NXP-SA630 Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D PHILIPS-SA630D Datasheet
282Kb / 14P
Single pole double throw SPDT switch
1997 Nov 07
SA630D NXP-SA630D Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D01 NXP-SA630D01 Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
More results


Similar Description - SA637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA647 PHILIPS-SA647 Datasheet
123Kb / 14P
Low-voltage digital IF receiver
1998 Aug 10
logo
List of Unclassifed Man...
RX3140 ETC-RX3140 Datasheet
233Kb / 8P
RX3140 Low Power IF Receiver IC
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
FM IF RECEIVER
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
logo
Analog Devices
AD6672 AD-AD6672 Datasheet
1Mb / 32P
IF Receiver
REV. 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. B
AD6672 AD-AD6672_14 Datasheet
1Mb / 30P
IF Receiver
REV. C
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
Fully Integrated Low IF Receiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com