Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD85006-E Datasheet (PDF) - STMicroelectronics

PD85006-E Datasheet PDF - STMicroelectronics
Part # PD85006-E
Download  PD85006-E Download
File Size   274.49 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Excellent thermal stability

PD85006-E Datasheet (PDF)

Go To PDF Page Download Datasheet
PD85006-E Datasheet PDF - STMicroelectronics

Part # PD85006-E
Download  PD85006-E Click to download

File Size   274.49 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Excellent thermal stability

PD85006-E Datasheet (HTML) - STMicroelectronics


PD85006-E Product details

Description
The PD85006-E is a common source N-channel, enhancement-mode lateral field-effect RF power transistor. It is designed for high gain, broadband commercial and industrial applications. It operates at 13.6 V in common source mode at frequencies of up to 1 GHz. PD85006-E boasts the excellent gain, linearity and reliability of ST’s latest LDMOS technology mounted in the first true SMD plastic RF power package.
PowerSO-10RF’s superior linearity performance makes it an ideal solution for mobile radio applications.
The PowerSO-10 plastic package, designed to offer high reliability, is the first ST JEDEC approved, high power SMD package. It has been specially optimized for RF needs and offers excellent RF performance and ease of assembly. Mounting recommendations are available in www.st.com/rf (search for AN1294).

Features
■ Excellent thermal stability
■ Common source configuration
■ Broadband performances:
   POUT = 6 W with 15 dB gain @ 870 MHz/13.6 V
■ Plastic package
■ ESD protection
■ In compliance with the 2002/95/EC european
   directive




Similar Part No. - PD85006-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD85006L ETC1-PD85006L Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
RF power transistor the LdmoST plastic family
06-Dec-2007
More results


Similar Description - PD85006-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com