Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB34NM60N Datasheet (PDF) - STMicroelectronics

STB34NM60N Datasheet PDF - STMicroelectronics
Part # STB34NM60N
Download  STB34NM60N Download
File Size   1368.87 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low gate input resistance

STB34NM60N Datasheet (PDF)

Go To PDF Page Download Datasheet
STB34NM60N Datasheet PDF - STMicroelectronics

Part # STB34NM60N
Download  STB34NM60N Click to download

File Size   1368.87 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low gate input resistance

STB34NM60N Datasheet (HTML) - STMicroelectronics


STB34NM60N Product details

Y ' 7$% * 6

Description
The LSM6DSM is a system-in-package featuring a 3D digital accelerometer and a 3D digital gyroscope performing at 0.65 mA in high-performance mode and enabling always-on low-power features for an optimal motion experience for the consumer. The LSM6DSM supports main OS requirements, offering real, virtual and batch sensors with 4 kbyte for dynamic data batching. ST’s family of MEMS sensor modules leverages the robust and mature manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces are developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better match the characteristics of the sensing element. The LSM6DSM has a full-scale acceleration range of ±2/±4/±8/±16 g and an angular rate range of ±125/±245/±500/±1000/±2000 dps. The LSM6DSM fully supports EIS and OIS applications as the module includes a dedicated configurable signal processing path for OIS and auxiliary dedicated lowpass filtering. High robustness to mechanical shock makes the LSM6DSM the preferred choice of system designers for the creation and manufacturing of reliable products. The LSM6DSM is available in a plastic land grid array (LGA) package. LGA-14L (2.5 x 3 x 0.83 mm) typ.

Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance

Applications
■ Switching applications




Similar Part No. - STB34NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB34NM60N ISC-STB34NM60N Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB34NM60ND STMICROELECTRONICS-STB34NM60ND Datasheet
1Mb / 22P
N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
01-Oct-2012
logo
Inchange Semiconductor ...
STB34NM60ND ISC-STB34NM60ND Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STB34NM60N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
Low Gate Input Resistance
Rev 3
logo
STMicroelectronics
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
Low gate input resistance
19-Jun-2015
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
Low gate input resistance
28-Feb-2014
STD9N40M2 STMICROELECTRONICS-STD9N40M2 Datasheet
847Kb / 16P
Low gate input resistance
June 2014 Rev 2
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
Low gate input resistance
08-Jan-2010
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
Low gate input resistance
06-Feb-2014
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
Low gate input resistance
27-Jun-2014
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
Low gate input resistance
01-Feb-2013
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
Low gate input resistance
07-Apr-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com