Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD35N3LH5 Datasheet (PDF) - STMicroelectronics

STD35N3LH5 Datasheet PDF - STMicroelectronics
Part # STD35N3LH5
Download  STD35N3LH5 Download
File Size   872.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low gate drive power losses

STD35N3LH5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD35N3LH5 Datasheet PDF - STMicroelectronics

Part # STD35N3LH5
Download  STD35N3LH5 Click to download

File Size   872.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low gate drive power losses

STD35N3LH5 Datasheet (HTML) - STMicroelectronics


STD35N3LH5 Product details

Description
The STD35N3LH5 is a N-channel STripFET™ V. This Power MOSFET technology is among the latest improvements, which have been especially tailored to achieve very low on-state resistance providing also one of the best-in-class figure of merit (FOM).

Features
■ 100% avalanche tested
■ Surface mounting DPAK (TO-252)
■ Low gate drive power losses

Applications
■ Switching applications – Automotive




Similar Part No. - STD35N3LH5

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD35N10 SAMHOP-STD35N10 Datasheet
121Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
N-channel 60V - 0.018Ω - 35A - DPAK STripFET??II Power MOSFET
20-Feb-2007
logo
SHENZHEN DOINGTER SEMIC...
STD35NF06 DOINGTER-STD35NF06 Datasheet
887Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Guangdong Youtai Semico...
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
logo
EVER SEMICONDUCTOR CO.,...
STD35NF06 EVVOSEMI-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
More results


Similar Description - STD35N3LH5

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2531GY-HF A-POWER-AP2531GY-HF_14 Datasheet
125Kb / 7P
Low Gate Charge Drive
logo
STMicroelectronics
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
Low gate drive power losses
17-Mar-2010
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
Low forward voltage drop, low power losses
28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
Low forward voltage drop, low power losses
05-May-15
logo
STMicroelectronics
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
Low gate drive power losses
30-May-2014
STP105N3LL STMICROELECTRONICS-STP105N3LL Datasheet
819Kb / 13P
Low gate drive power losses
03-Apr-2014
STR2N2VH5 STMICROELECTRONICS-STR2N2VH5 Datasheet
882Kb / 13P
Low gate drive power loss
25-Jul-2014
STS3P6F6 STMICROELECTRONICS-STS3P6F6 Datasheet
933Kb / 16P
Low gate drive power losses
14-Jul-2014
STT6N3LLH6 STMICROELECTRONICS-STT6N3LLH6 Datasheet
1Mb / 12P
Low gate drive power losses
March 2014 Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com