Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFI13N80K5 Datasheet (PDF) - STMicroelectronics

STFI13N80K5 Datasheet PDF - STMicroelectronics
Part # STFI13N80K5
Download  STFI13N80K5 Download
File Size   1025.88 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 800 V, 0.37 ??typ.,12 A MDmesh™K5 Power MOSFET in an I²PAKFP package

STFI13N80K5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STFI13N80K5 Datasheet PDF - STMicroelectronics

Part # STFI13N80K5
Download  STFI13N80K5 Click to download

File Size   1025.88 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 800 V, 0.37 ??typ.,12 A MDmesh™K5 Power MOSFET in an I²PAKFP package

STFI13N80K5 Datasheet (HTML) - STMicroelectronics


STFI13N80K5 Product details

Description
This very high voltage N-channel Power MOSFET is designed using MDmesh™ K5 technology based on an innovative proprietary vertical structure. The result is a dramatic reduction in on-resistance and ultra-low gate charge for applications requiring superior power density and high efficiency.

Features
• Fully insulated and low profile package with increased creepage path from pin to heatsink plate
• Industry’s lowest RDS(on) x area
• Industry’s best figure of merit (FoM)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected

Applications
• Switching applications




Similar Part No. - STFI13N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STFI13N65M2 STMICROELECTRONICS-STFI13N65M2 Datasheet
570Kb / 15P
Zener-protected
18-Dec-2014
STFI13N95K3 STMICROELECTRONICS-STFI13N95K3 Datasheet
861Kb / 19P
N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
21-Jun-2012
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
N-channel 600 V, 0.48 Ω, 13 A, Zener-protected SuperMESH™Power MOSFET in I²PAKFP package
20-Mar-2012
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
N-channel 600 V, 0.28 Ω, 11 A MDmesh™II Power MOSFET in I²PAKFP package
15-May-2012
More results


Similar Description - STFI13N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU13N80K5 STMICROELECTRONICS-STFU13N80K5 Datasheet
754Kb / 13P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™K5 Power MOSFET in a TO-220FP ultra narrow leads package
08-Oct-2015
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
02-Dec-2015
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com