Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP65101 Datasheet (PDF) - Diodes Incorporated

AP65101 Datasheet PDF - Diodes Incorporated
Part # AP65101
Download  AP65101 Download
File Size   1231.21 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER

AP65101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP65101 Datasheet PDF - Diodes Incorporated

Part # AP65101
Download  AP65101 Click to download

File Size   1231.21 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER

AP65101 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP65101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65111 DIODES-AP65111 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
AP65111A DIODES-AP65111A Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65111AWU-7 DIODES-AP65111AWU-7 Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65111WU-7 DIODES-AP65111WU-7 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
logo
List of Unclassifed Man...
AP6512 ETC-AP6512 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
More results


Similar Description - AP65101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65201 DIODES-AP65201 Datasheet
1Mb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
Rev 3
AP65111A DIODES-AP65111A Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65400 DIODES-AP65400 Datasheet
716Kb / 15P
LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65402 DIODES-AP65402 Datasheet
641Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65403 DIODES-AP65403 Datasheet
607Kb / 15P
LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65500 DIODES-AP65500 Datasheet
776Kb / 15P
LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65502 DIODES-AP65502 Datasheet
668Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65111 DIODES-AP65111 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com