Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS35K60L1 Datasheet (PDF) - STMicroelectronics

STGIPS35K60L1 Datasheet PDF - STMicroelectronics
Part # STGIPS35K60L1
Download  STGIPS35K60L1 Download
File Size   623.62 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Short-circuit rugged IGBTs

STGIPS35K60L1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGIPS35K60L1 Datasheet PDF - STMicroelectronics

Part # STGIPS35K60L1
Download  STGIPS35K60L1 Click to download

File Size   623.62 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Short-circuit rugged IGBTs

STGIPS35K60L1 Datasheet (HTML) - STMicroelectronics


STGIPS35K60L1 Product details

Description
This intelligent power module provides a compact, high performance AC motor drive for a simple and rugged design. It targets power inverters for air conditioners. It combines ST proprietary control ICs with the most advanced short-circuit rugged IGBT system technology. SLLIMM™ is a trademark of STMicroelectronics. SDIP-22L

Features
■ IPM 35 A, 600 V single phase IGBT including control ICs for gate driving and free-wheeling diodes
■ Short-circuit rugged IGBTs
■ VCE(sat) negative temperature coefficient
■ 3.3 V, 5 V, 15 V CMOS/TTL inputs comparators with hysteresis and pull down / pull up resistors
■ Undervoltage lockout
■ Internal bootstrap diode
■ Dead time and interlocking function
■ Smart shutdown function
■ Comparator for fault protection against over temperature and overcurrent
■ Op amp for advanced current sensing
■ DBC substrate leading to low thermal resistance
■ Isolation rating of 2500 Vrms/min
■ 4.7 kΩ NTC for temperature control
■ UL Recognized : UL1557 file E81734

Applications
■ Power inverters for compressors




Similar Part No. - STGIPS35K60L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
12-Jul-2013
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
12-Jul-2013
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
SLLIMM™ small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
10-Apr-2015
More results


Similar Description - STGIPS35K60L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
SLLIMM™- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
22-Dec-2015
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
Inverter stage IGBT short circuit rugged based
19-Jul-2007
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
Short-circuit rugged IGBT
14-Apr-2015
STGIPS10K60T-H STMICROELECTRONICS-STGIPS10K60T-H Datasheet
688Kb / 19P
Short-circuit rugged IGBTs
14-Apr-2015
STGIPS15C60-H STMICROELECTRONICS-STGIPS15C60-H Datasheet
707Kb / 20P
Short-circuit rugged IGBTs
09-Apr-2015
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
SLLIMM™nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
16-Dec-2016
STGIPQ5C60T-HL STMICROELECTRONICS-STGIPQ5C60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3-phase inverter, 5 A, 600 V short-circuit rugged IGBTs
March 2017 Rev 7
STGIPQ5C60T-HLS STMICROELECTRONICS-STGIPQ5C60T-HLS Datasheet
1Mb / 27P
SLLIMM™ nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
March 2019 Rev 5
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com