Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL2N80K5 Datasheet (PDF) - STMicroelectronics

STL2N80K5 Datasheet PDF - STMicroelectronics
Part # STL2N80K5
Download  STL2N80K5 Download
File Size   1057.09 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low gate charge

STL2N80K5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STL2N80K5 Datasheet PDF - STMicroelectronics

Part # STL2N80K5
Download  STL2N80K5 Click to download

File Size   1057.09 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low gate charge

STL2N80K5 Datasheet (HTML) - STMicroelectronics


STL2N80K5 Product details

Description
This very high voltage N-channel Power MOSFET is designed using MDmesh™ K5 technology based on an innovative proprietary vertical structure. The result is a dramatic reduction in onresistance and ultra-low gate charge for applications requiring superior power density and high efficiency. PowerFLAT™ 5x6 VHV 1 2 3 4 AM15540v1 5 6 7 8 1 2 3 4 Top View D(5, 6, 7, 8) G(4) S(1, 2, 3)

Features
■ Industry’s lowest RDS(on)
■ Industry’s best figure of merit (FoM)
■ Ultra low gate charge
■ 100% avalanche tested
■ Zener-protected

Applications
■ Switching applications




Similar Part No. - STL2N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
N-channel enhancement mode
02-Apr-2014
STL20DNF06LAG STMICROELECTRONICS-STL20DNF06LAG Datasheet
972Kb / 15P
Automotive-grade dual N-channel 60 V
September 2015 Rev 1
STL20N6F7 STMICROELECTRONICS-STL20N6F7 Datasheet
409Kb / 13P
High avalanche ruggedness
10-Jun-2015
logo
Shanghai Leiditech Elec...
STL20N6F7 LEIDITECH-STL20N6F7 Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
More results


Similar Description - STL2N80K5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
Ultra low gate charge
logo
STMicroelectronics
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
Ultra-low gate charge
08-Jan-2016
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
Ultra-low gate charge
11-Nov-2015
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
Ultra-low gate charge
04-Jan-2017
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
Ultra-low gate charge
November 2016 Rev 1
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
Ultra-low gate charge
October 2016 Rev 1
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
Ultra low gate charge
06-Sep-2016
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
Ultra low gate charge
11-Oct-2013
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
Ultra low gate charge
07-Feb-2014
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
Ultra low gate charge
19-Nov-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com