Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984TR Datasheet (PDF) - STMicroelectronics

A6984TR Datasheet PDF - STMicroelectronics
Part # A6984TR
Download  A6984TR Download
File Size   4777.1 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 36 V, 400 mA automotive synchronous step-down switching regulator

A6984TR Datasheet (PDF)

Go To PDF Page Download Datasheet
A6984TR Datasheet PDF - STMicroelectronics

Part # A6984TR
Download  A6984TR Click to download

File Size   4777.1 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 36 V, 400 mA automotive synchronous step-down switching regulator

A6984TR Datasheet (HTML) - STMicroelectronics


A6984TR Product details

Description
The A6984 is a step-down monolithic switching
regulator able to deliver up to 400 mA DC. The
output voltage adjustability ranges from 0.9 V. The
fixed 3.3 V VOUT requires no external resistor
divider. The “low consumption mode” (LCM) is
designed for applications active during car
parking, so it maximizes the efficiency at light load
with controlled output voltage ripple. The “low
noise mode” (LNM) makes the switching
frequency almost constant over the load current
range, serving low noise application
specifications such as car audio/sensors. The
PGOOD open collector output can implement
output voltage sequencing during the power-up
phase. The synchronous rectification, designed
for high efficiency at medium-heavy load, and the
high switching frequency capability make the size
of the application compact. Pulse-by-pulse
current sensing on the low-side power element
implements effective constant current protection.
The package lead finishing guarantees side
solderability, thus allowing visual inspection
during manufacturing.

Features
 AEC-Q100 qualified
 400 mA DC output current
 4.5 V to 36 V operating input voltage
 Synchronous rectification
 Low consumption mode or low noise mode
 100 µA IQ at light load (LCM VOUT = 3.3 V)
 13 µA IQ-SHTDWN
 Adjustable fSW (250 kHz - 600 kHz)
 Output voltage adjustable from 0.9 V
 No resistor divider required for 3.3 V VOUT
 VBIAS maximizes efficiency at light load
 350 mA valley current limit
 Constant on-time control scheme
 PGOOD open collector
 Thermal shutdown

Applications
 Car body and ADAS applications (LCM)
 Car audio and low noise applications (LNM)




Similar Part No. - A6984TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F3V3 STMICROELECTRONICS-A6985F3V3 Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F3V3TR STMICROELECTRONICS-A6985F3V3TR Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F5V STMICROELECTRONICS-A6985F5V Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F5VTR STMICROELECTRONICS-A6985F5VTR Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
More results


Similar Description - A6984TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
Synchronous Step-Down Switching Regulator Controller
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
L6984 STMICROELECTRONICS-L6984 Datasheet
4Mb / 34P
36 V 400 mA synchronous step-down switching regulator
04-Jul-2014
logo
Texas Instruments
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com