Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDCPOE12 Datasheet (PDF) - STMicroelectronics

SPDCPOE12 Datasheet PDF - STMicroelectronics
Part # SPDCPOE12
Download  SPDCPOE12 Download
File Size   198.25 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power over ethernet 10 W module

SPDCPOE12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPDCPOE12 Datasheet PDF - STMicroelectronics

Part # SPDCPOE12
Download  SPDCPOE12 Click to download

File Size   198.25 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power over ethernet 10 W module

SPDCPOE12 Datasheet (HTML) - STMicroelectronics


SPDCPOE12 Product details

Features
■ Input voltage range: 38.5 V to 60 V
■ 10 W output
■ Based on ST devices integrating standard PoE interface and current mode PVM controller
■ IEEE 802.3af compliant (PoE standard)
■ Class 0 (zero), 0-12.96 W input
■ Output voltage 12 V
■ Output current 0.8 A
■ Output voltage ± 5 %
■ Ripple 1 % rms
■ Transient response ±5 %, ½ load to full load
■ Operating temperature range -40 °C to 70 °C
■ Input transient suppressor
■ Under voltage lockout
■ Soft-start
■ Short circuit protection
■ 1500 VDC input/output insulation
■ Input and output will be normally maintained within SELV limit
■ Very compact size, about 86x24.2x17 mm
■ Vertical THT package
■ RoHS compliant
■ UL 94V-0 flammability

Applications
■ The target applications are small low power remote IP appliances.
■ Security system, doors access, cameras, alarms
■ Displays
■ Public address systems
■ Wireless access point
■ Environmental control
■ Telemetry
■ Remote environmental monitoring




Similar Part No. - SPDCPOE12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
Power over ethernet 10 W module
March 2009 Rev 1
More results


Similar Description - SPDCPOE12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
10-W Power-Over-Ethernet Isolated Power Module Assembly
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
Power-Over-Ethernet Module
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
Power-Over-Ethernet Module
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
Power-Over-Ethernet Module
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
10-W Power-Over-Ethernet Isolated Power Module Assembly
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
Power over Ethernet Module
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
Power over ethernet 10 W module
March 2009 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com