Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW100N30 Datasheet (PDF) - STMicroelectronics

STGW100N30 Datasheet PDF - STMicroelectronics
Part # STGW100N30
Download  STGW100N30 Download
File Size   699.37 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 90 A - 330 V - fast IGBT

STGW100N30 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW100N30 Datasheet PDF - STMicroelectronics

Part # STGW100N30
Download  STGW100N30 Click to download

File Size   699.37 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 90 A - 330 V - fast IGBT

STGW100N30 Datasheet (HTML) - STMicroelectronics


STGW100N30 Product details

Description
Advanced high-density and high-current IGBT technology with low-drop companion diode adapted to various functions in PDP sets.

Features
■ Optimized for sustain and energy recovery circuits in PDP applications.
■ State-of-the-art STripFET™ technology
■ Peak collector current IRP = 330 A @ TC = 25 °C (see Table 2)
■ Very low-on voltage drop (VCE(sat)) and energy per pulse for improved panel efficiency
■ High repetitive peak current capability




Similar Part No. - STGW100N30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW10M65DF2 STMICROELECTRONICS-STGW10M65DF2 Datasheet
928Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
08-Mar-2016
More results


Similar Description - STGW100N30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
40 A - 600 V - ultra fast IGBT
01-Feb-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
30 A - 1200 V - very fast IGBT
12-Mar-2008
logo
Fairchild Semiconductor
FGA180N33ATD FAIRCHILD-FGA180N33ATD_13 Datasheet
655Kb / 9P
330 V PDP Trench IGBT
logo
STMicroelectronics
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
30 A, 600 V, fast IGBT
11-Nov-2010
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
20 A, 600 V fast IGBT
08-Nov-2010
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
10 A, 600 V fast IGBT
17-Dec-2010
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
10 A, 600 V fast IGBT
14-Jun-2010
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
40 A, 600 V ultra fast IGBT
11-Nov-2008
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com