Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW15H120F2 Datasheet (PDF) - STMicroelectronics

STGW15H120F2 Datasheet PDF - STMicroelectronics
Part # STGW15H120F2
Download  STGW15H120F2 Download
File Size   801.85 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, H series 1200 V, 15 A high speed

STGW15H120F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW15H120F2 Datasheet PDF - STMicroelectronics

Part # STGW15H120F2
Download  STGW15H120F2 Click to download

File Size   801.85 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, H series 1200 V, 15 A high speed

STGW15H120F2 Datasheet (HTML) - STMicroelectronics


STGW15H120F2 Product details

Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the improved
H series of IGBTs, which represent an optimum
compromise between conduction and switching
loss to maximize the efficiency of high frequency
converters. Furthermore, a slightly positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.

Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 2.1 V (typ.) @ IC = 15 A
• 5 µs minimum short-circuit withstand time at
TJ=150 °C
• Safe paralleling
• Low thermal resistance

Applications
• Uninterruptible power supply
• Welding machines
• Photovoltaic inverters
• Power factor correction
• High frequency converters




Similar Part No. - STGW15H120F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
More results


Similar Description - STGW15H120F2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
Trench gate field-stop IGBT, H series 600 V, 7 A high speed
05-Jun-2015
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
17-Oct-2013
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
06-Mar-2015
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
23-Mar-2015
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
28-Jun-2016
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
25-Mar-2015
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
10-Feb-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com