Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW20IH125DF Datasheet (PDF) - STMicroelectronics

STGW20IH125DF Datasheet PDF - STMicroelectronics
Part # STGW20IH125DF
Download  STGW20IH125DF Download
File Size   1357.79 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1250 V, 20 A IH series trench gate field-stop IGBT

STGW20IH125DF Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW20IH125DF Datasheet PDF - STMicroelectronics

Part # STGW20IH125DF
Download  STGW20IH125DF Click to download

File Size   1357.79 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1250 V, 20 A IH series trench gate field-stop IGBT

STGW20IH125DF Datasheet (HTML) - STMicroelectronics


STGW20IH125DF Product details

Description
These IGBTs are developed using an advanced
proprietary trench gate field-stop structure and
performance is optimized in both conduction and
switching losses. A freewheeling diode with a low
drop forward voltage is co-packaged. The result is
a product specifically designed to maximize
efficiency for any resonant and soft-switching
application.

Features
• Designed for soft commutation only
• Maximum junction temperature: TJ = 175 °C
• Minimized tail current
• VCE(sat) = 2.0 V (typ.) @ IC = 15 A
• Tight parameters distribution
• Safe paralleling
• Very low VF soft recovery co-packaged diode
• Low thermal resistance
• Lead free package

Applications
• Induction heating
• Microwave oven
• Resonant converters




Similar Part No. - STGW20IH125DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGW20H65FB STMICROELECTRONICS-STGW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
logo
New Jersey Semi-Conduct...
STGW20NB60H NJSEMI-STGW20NB60H Datasheet
114Kb / 3P
N-CHANNEL20A-600V TO-247 PowerMESH??IGBT
logo
STMicroelectronics
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
More results


Similar Description - STGW20IH125DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series
08-Oct-2013
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
60 A, 650 V field stop trench gate IGBT
31-Jul-2012
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGW28IH125DF STMICROELECTRONICS-STGW28IH125DF Datasheet
1Mb / 17P
1250 V, 30 A IH series trench gate field-stop IGBT
03-Feb-2014
STGF20M65DF2 STMICROELECTRONICS-STGF20M65DF2 Datasheet
531Kb / 16P
Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
08-Oct-2018
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
60 A, 650 V field stop trench gate IGBT
09-Jan-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com