Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW45HF60WD Datasheet (PDF) - STMicroelectronics

GW45HF60WD Datasheet PDF - STMicroelectronics
Part # GW45HF60WD
Download  GW45HF60WD Download
File Size   468.02 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 45 A, 600 V ultra fast IGBT

GW45HF60WD Datasheet (PDF)

Go To PDF Page Download Datasheet
GW45HF60WD Datasheet PDF - STMicroelectronics

Part # GW45HF60WD
Download  GW45HF60WD Click to download

File Size   468.02 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 45 A, 600 V ultra fast IGBT

GW45HF60WD Datasheet (HTML) - STMicroelectronics


GW45HF60WD Product details

Description
The “HF” family is based on a new advanced planar technology concept to yield an IGBT with more stable switching performance (Eoff) versus temperature, as well as lower conduction losses. The “W” series is a subset of products tailored to high switching frequency operation (over 100 kHz).

Features
■ Improved Eoff at elevated temperature
■ Low CRES / CIES ratio (no cross-conduction susceptibility)
■ Ultra fast soft recovery antiparallel diode

Applications
■ Welding
■ High frequency converters
■ Power factor correction




Similar Part No. - GW45HF60WD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GW40N120DF7 LUGUANG-GW40N120DF7 Datasheet
1Mb / 8P
1200V 40A 7th Generation Technology IGBT
Revision:20250410-P1
GW40N120F LUGUANG-GW40N120F Datasheet
1Mb / 8P
1200V/40A Trench Field Stop IGBT
Revision:20201218-P1
GW40N120F2 LUGUANG-GW40N120F2 Datasheet
1Mb / 8P
1200V /40A Trench Field Stop IGBT
Revision:20201218-P1
logo
STMicroelectronics
GW40N120KD STMICROELECTRONICS-GW40N120KD Datasheet
763Kb / 15P
40 A, 1200 V short circuit rugged IGBT with Ultrafast diode
27-Feb-2012
logo
Shenzhen Luguang Electr...
GW40N120TS LUGUANG-GW40N120TS Datasheet
1Mb / 8P
1200V/40A Trench Field Stop IGBT
Revision:20201218-P1
More results


Similar Description - GW45HF60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
40 A - 600 V - ultra fast IGBT
01-Feb-2008
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
30 A - 600 V - ultra fast IGBT
17-Mar-2008
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
45 A, 600 V ultra fast IGBT with low drop diode
21-Dec-2010
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
35 A, 600 V ultra fast IGBT
10-May-2010
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
45 A - 600 V ultra fast IGBT
05-Jun-2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
45 A - 600 V - very fast IGBT
19-Mar-2008
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
40 A, 600 V ultra fast IGBT
11-Nov-2008
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
40 A - 600 V - ultra fast IGBT
09-Jul-2008
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
3 A, 600 V ultra fast IGBT
29-Oct-2009
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
30 A, 600 V ultra fast IGBT
11-Nov-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com