Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9691SCN Datasheet (PDF) - List of Unclassifed Manufacturers

SPT9691SCN Datasheet PDF - List of Unclassifed Manufacturers
Part # SPT9691SCN
Download  SPT9691SCN Download
File Size   91.34 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description WIDE INPUT VOLTAGE, JFET COMPARATOR

SPT9691SCN Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT9691SCN Datasheet PDF - List of Unclassifed Manufacturers

Part # SPT9691SCN
Download  SPT9691SCN Click to download

File Size   91.34 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description WIDE INPUT VOLTAGE, JFET COMPARATOR

SPT9691SCN Datasheet (HTML) - List of Unclassifed Manufacturers


SPT9691SCN Product details

[SPT]

GENERAL DESCRIPTION
The SPT9691 is a high-speed, wide common mode voltage, JFET input, dual comparator. It is designed for applications that measure critical timing parameters in which wide common mode input voltages of -4.0 to +8.0 V are required. Propagation delays are constant for overdrives greater than 200 mV.

FEATURES
• Common Mode Range -4.0 to +8.0 V
• Low Input Bias Current <100 pA
• Propagation Delay 2.5 ns (max)
• Low Offset ±25 mV
• Low Feedthrough and Crosstalk
• Differential Latch Control

APPLICATIONS
• Automated Test Equipment
• High-Speed Instrumentation
• Window Comparators
• High-Speed Timing
• Line Receivers
• High-Speed Triggers
• Threshold Detection
• Peak Detection




Similar Part No. - SPT9691SCN

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT9691SCN CADEKA-SPT9691SCN Datasheet
415Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
More results


Similar Description - SPT9691SCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
List of Unclassifed Man...
SPT9693 ETC-SPT9693 Datasheet
88Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
SPT9691 CADEKA-SPT9691 Datasheet
415Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
SPT9693 CADEKA-SPT9693 Datasheet
171Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com