Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST49C107A Datasheet (PDF) - Exar Corporation

ST49C107A Datasheet PDF - Exar Corporation
Part # ST49C107A
Download  ST49C107A Download
File Size   66.42 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Preprogrammed CPU Mother Board Frequency Generator

ST49C107A Datasheet (PDF)

Go To PDF Page Download Datasheet
ST49C107A Datasheet PDF - Exar Corporation

Part # ST49C107A
Download  ST49C107A Click to download

File Size   66.42 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Preprogrammed CPU Mother Board Frequency Generator

ST49C107A Datasheet (HTML) - Exar Corporation


ST49C107A Product details

GENERAL DESCRIPTION
The ST49C107A-04 is a mask programmable monolithic analog CMOS device designed to generate two simultaneous clocks. The output frequency can vary from 2 to 130MHz, with up to 16 single selectable preprogrammed frequencies stored in internal ROM.

FEATURES
 • Provides Reference Clock And Synthesized Clock
 • 5 to 32 MHz Input Reference Frequency
 • Pin-to-Pin Compatible to Avasem AV9107
 • Programmable Analog Phase Locked Loop
 • Low Power Single 5V CMOS Technology
 • Up to 16 Frequencies Stored Internally
 • 8/14 pin DIP or SOIC Package




Similar Part No. - ST49C107A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST49C101A EXAR-ST49C101A Datasheet
109Kb / 10P
High Frequency Clock Multiplier
ST49C101ACF8-01 EXAR-ST49C101ACF8-01 Datasheet
109Kb / 10P
High Frequency Clock Multiplier
ST49C101ACF8-03 EXAR-ST49C101ACF8-03 Datasheet
109Kb / 10P
High Frequency Clock Multiplier
ST49C101ACF8-05 EXAR-ST49C101ACF8-05 Datasheet
109Kb / 10P
High Frequency Clock Multiplier
ST49C101ACF8-06 EXAR-ST49C101ACF8-06 Datasheet
109Kb / 10P
High Frequency Clock Multiplier
More results


Similar Description - ST49C107A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-11 ICST-AV9107C-11 Datasheet
69Kb / 1P
Green PC CPU Frequency Generator
RevA052197
AV9107C-13 ICST-AV9107C-13 Datasheet
245Kb / 5P
CPU Frequency Generator
RevB052197
AV9107C-17 ICST-AV9107C-17 Datasheet
143Kb / 5P
CPU Frequency Generator
RevC052197
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
CPU Frequency Generator
Rev D 2/3/98
AV9108 ICST-AV9108 Datasheet
323Kb / 8P
CPU Frequency Generator
RevB032195
ICS9148-53 ICST-ICS9148-53 Datasheet
540Kb / 18P
Frequency Generator & Integrated Buffers for Mother Boards
Rev C 08/14/98
ICS9148-75 ICST-ICS9148-75 Datasheet
642Kb / 17P
Frequency Generator & Integrated Buffers for Mother Boards
Rev C 3/01/00
logo
Renesas Technology Corp
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
Mother Board Clock Generator for Intel P4 Chipset (Springdale)
logo
Integrated Device Techn...
AV9107C IDT-AV9107C Datasheet
509Kb / 9P
CPU Frequency Generator
AV9107C-17 IDT-AV9107C-17 Datasheet
149Kb / 5P
CPU Frequency Generator
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com