Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC574P Datasheet (PDF) - Toshiba Semiconductor

TC74AC574P Datasheet PDF - Toshiba Semiconductor
Part # TC74AC574P
Download  TC74AC574P Download
File Size   287.66 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D - TYPE FLIP - FLOP WITH 3 STATE OUTPUT

TC74AC574P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC574P Datasheet PDF - Toshiba Semiconductor

Part # TC74AC574P
Download  TC74AC574P Click to download

File Size   287.66 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D - TYPE FLIP - FLOP WITH 3 STATE OUTPUT

TC74AC574P Datasheet (HTML) - Toshiba Semiconductor


TC74AC574P Product details

Octal D-Type Flip-Flop with 3-State Output

The TC74AC574 is an advanced high speed CMOS OCTAL FLIP-FLOP fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.

Features
• High speed: fmax = 180 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
                                                      Capability of driving 50 Ω
                                                      transmission lines
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F574




Similar Part No. - TC74AC574P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC574P TOSHIBA-TC74AC574P Datasheet
236Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
More results


Similar Description - TC74AC574P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
TC74HCT374AP TOSHIBA-TC74HCT374AP_07 Datasheet
268Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
Octal D-Type Flip-Flop with 3-State Output
TC74VHC574F TOSHIBA-TC74VHC574F_07 Datasheet
233Kb / 10P
Octal D-Type Flip Flop with 3-State Output
TC74VHCT574AF TOSHIBA-TC74VHCT574AF_07 Datasheet
229Kb / 9P
Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com