Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT151P Datasheet (PDF) - Toshiba Semiconductor

TC74ACT151P Datasheet PDF - Toshiba Semiconductor
Part # TC74ACT151P
Download  TC74ACT151P Download
File Size   265.24 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 CHANNEL MULTIPLEXER

TC74ACT151P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74ACT151P Datasheet PDF - Toshiba Semiconductor

Part # TC74ACT151P
Download  TC74ACT151P Click to download

File Size   265.24 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 CHANNEL MULTIPLEXER

TC74ACT151P Datasheet (HTML) - Toshiba Semiconductor


TC74ACT151P Product details

8-Channel Multiplexer

The TC74ACT151 is an advanced high speed CMOS 8-CHANNEL MULTIPLEXER fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels.

Features
• High speed: tpd = 7.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max) VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 Ω transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Pin and function compatible with 74F151




Similar Part No. - TC74ACT151P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
316Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74ACT151P TOSHIBA-TC74ACT151P_07 Datasheet
316Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74ACT151P TOSHIBA-TC74ACT151P_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
More results


Similar Description - TC74ACT151P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
8-Channel Multiplexer
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
8-CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com