Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1320 Datasheet (PDF) - Microchip Technology

TC1320 Datasheet PDF - Microchip Technology
Part # TC1320
Download  TC1320 Download
File Size   442.56 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit Digital-to-Analog Converter with Two-Wire Interface

TC1320 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1320 Datasheet PDF - Microchip Technology

Part # TC1320
Download  TC1320 Click to download

File Size   442.56 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit Digital-to-Analog Converter with Two-Wire Interface

TC1320 Datasheet (HTML) - Microchip Technology


TC1320 Product details

General Description
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that can range from 2.7V to 5.5V, making it ideal for a wide range of applications. Built into the part is a Power-on Reset function that ensures that the device starts at a known condition.

Features
• 8-bit Digital-to-Analog Converter
• ±2 LSB INL
• ±0.8 LSB DNL
• 2.7-5.5V Single Supply Operation
• Simple SMBus/I2CTM Serial Interface
• Low Power: 350A Operation, 0.5A Shutdown
• 8-Pin SOIC and 8-Pin MSOP Packages

Applications
• Programmable Voltage Sources
• Digital Controlled Amplifiers/Attenuators
• Process Monitoring and Control




Similar Part No. - TC1320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1320EOA MICROCHIP-TC1320EOA Datasheet
220Kb / 16P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002-2012 11/27/12
TC1320EUA MICROCHIP-TC1320EUA Datasheet
220Kb / 16P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002-2012 11/27/12
TC1320 MICROCHIP-TC1320_13 Datasheet
220Kb / 16P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002-2012 11/27/12
More results


Similar Description - TC1320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1321 MICROCHIP-TC1321 Datasheet
446Kb / 16P
10-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322 Datasheet
445Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
8 BIT ANALOG TO DIGITAL CONVERTER
logo
Microchip Technology
TC1322 MICROCHIP-TC1322_05 Datasheet
316Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2005
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC1320 MICROCHIP-TC1320_13 Datasheet
220Kb / 16P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002-2012 11/27/12
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Shenzhen Titan Micro El...
TM7707 TITAN-TM7707 Datasheet
1Mb / 46P
Two-bIt digital analog converter
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com