Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1XX Datasheet (PDF) - STMicroelectronics

STBB1XX Datasheet PDF - STMicroelectronics
Part # STBB1XX
Download  STBB1XX Download
File Size   1445.73 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Buck-boost DC-DC converter

STBB1XX Datasheet (PDF)

Go To PDF Page Download Datasheet
STBB1XX Datasheet PDF - STMicroelectronics

Part # STBB1XX
Download  STBB1XX Click to download

File Size   1445.73 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Buck-boost DC-DC converter

STBB1XX Datasheet (HTML) - STMicroelectronics


STBB1XX Product details

Description
The STBB1 is a fixed frequency, high efficiency, Buck-boost DC-DC converter able to provide output voltages ranging from 1.2 V to 5.5 V and input voltage from 2.0 V to 5.5 V. The device can operate with input voltages higher, equal or lower than the output voltage making the product suitable for single lithium-Ion, multicell alkaline or NiMH applications where the output voltage is within the battery voltage range. The integrated low-RDSon N-channel and Pchannel MOSFET switches contribute to achieve high efficiency. The MODE pin allows selecting between auto mode and forced PWM mode thus taking benefit either of lower power consumption or best dynamic performance. The device includes also soft-start control, thermal shutdown and current limit. The STBB1 is packaged in DFN10 3x3 mm. DFN10 (3 x 3 mm)

Features
■ Buck-boost DC-DC converter
■ Operating input voltage range from 2.0 V to 5.5 V
■ 2% DC feedback voltage tolerance
■ Synchronous rectification
■ Shutdown function
■ 1.5 MHz switching frequency
■ Power save mode at light load
■ Typical efficiency: > 94 %
■ 1 A output current capability
■ Shutdown current < 1 µA
■ Available in DFN10 3 x 3 mm

Applications
■ Single cell LI-ION and 3 cells alkaline, NI-MH powered devices
■ Memory SD/MMC cards supply
■ Palmtop computers
■ Cell phones
■ Digital cameras




Similar Part No. - STBB1XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1PUR STMICROELECTRONICS-STBB1PUR Datasheet
1Mb / 21P
1 A, high efficiency single inductor
07-Sep-2010
More results


Similar Description - STBB1XX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com