Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6764 Datasheet (PDF) - STMicroelectronics

PM6764 Datasheet PDF - STMicroelectronics
Part # PM6764
Download  PM6764 Download
File Size   151.4 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current sense across DCR with calibration

PM6764 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6764 Datasheet PDF - STMicroelectronics

Part # PM6764
Download  PM6764 Click to download

File Size   151.4 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current sense across DCR with calibration

PM6764 Datasheet (HTML) - STMicroelectronics


PM6764 Product details

Description
The PM6764/66 is a high performance digital controller designed to power Intel’s VR12.5 processors (PM6766) and memories (PM6764): all required parameters are programmable through a PMBus™ interface. The device utilizes digital technology to implement all control and power management functions to provide maximum flexibility and performance. The NVM is embedded to store custom configurations. The PM6764/66 device features up to 4/6-phase programmable operation. The PM6764/66 supports power state transitions featuring VFDE, and programmable DPM maintaining the best efficiency over all loading conditions without compromising transient response. The device assures fast and independent protection against load overcurrent, under/overvoltage and feedback disconnections. The device is available in VFQFPN28 4 x 4 mm (PM6764) and VFQFPN40 5 x 5 mm (PM6766) packages. VFQFPN28 4 x 4 mm VFQFPN40 5 x 5 mm




Similar Part No. - PM6764

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
PM67 SENSATA-PM67 Datasheet
701Kb / 11P
PANEL MOUNT SOLID STATE RELAYS
logo
Artesyn Technologies
PM671 ARTESYN-PM671 Datasheet
69Kb / 2P
Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
PM672 ARTESYN-PM672 Datasheet
69Kb / 2P
Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
More results


Similar Description - PM6764

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
Current Sense
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF0033-EE5CS XFMRS-XF0033-EE5CS Datasheet
43Kb / 1P
Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
Current Sense
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS_15 Datasheet
37Kb / 1P
CURRENT SENSE
XF7206-EE5CS XFMRS-XF7206-EE5CS_15 Datasheet
40Kb / 1P
CURRENT SENSE
XF9806-EE5CS XFMRS-XF9806-EE5CS_15 Datasheet
40Kb / 1P
CURRENT SENSE
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com