Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A70B4 Datasheet (PDF) - STMicroelectronics

SPC564A70B4 Datasheet PDF - STMicroelectronics
Part # SPC564A70B4
Download  SPC564A70B4 Download
File Size   984.4 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Up to 4 multiply and accumulate operations per cycle

SPC564A70B4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC564A70B4 Datasheet PDF - STMicroelectronics

Part # SPC564A70B4
Download  SPC564A70B4 Click to download

File Size   984.4 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Up to 4 multiply and accumulate operations per cycle

SPC564A70B4 Datasheet (HTML) - STMicroelectronics


SPC564A70B4 Product details

Features
■ 150 MHz e200z4 Power Architecture® core – Variable length instruction encoding (VLE) – Superscalar architecture with 2 execution units – Up to 2 integer or floating point instructions per cycle – Up to 4 multiply and accumulate operations per cycle
■ Memory organization – 2 MB on-chip flash memory with ECC and read-while-write (RWW) – 128 KB on-chip SRAM with standby functionality (32 KB) and ECC – 8 KB instruction cache (with line locking), configurable as 2- or 4-way – 14 + 3 KB eTPU code and data RAM – 4 × 4 crossbar switch (XBAR) – 24-entry MMU
■ Fail Safe Protection – 16-entry Memory Protection Unit (MPU) – CRC unit with 3 submodules – Junction temperature sensor
■ Interrupt – Configurable interrupt controller (INTC) with non-maskable interrupt (NMI) – 64-channel eDMA
■ Serial channels – 3 eSCI modules – 3 DSPI modules (2 of which support downstream Micro Second Channel [MSC]) – 3 FlexCAN modules with 64 message buffers each – 1 FlexRay module (V2.1) up to 10 Mbit/s w/dual or single channel, 128 message objects, ECC
■ 1 eMIOS (24 unified channels)
■ 1 eTPU2 (second generation eTPU) – 32 standard channels – 1 reaction module (6 channels with 3 outputs per channel)
■ 2 enhanced queued analog-to-digital converters (eQADCs) – Forty 12-bit input channels – 688 ns minimum conversion time
■ On-chip CAN/SCI Bootstrap loader with Boot Assist Module (BAM)
■ Nexus: Class 3+ for core; Class 1 for eTPU
■ JTAG (5-pin)
■ Development Trigger Semaphore (DTS)
■ Clock generation – On-chip 4–40 MHz main oscillator – On-chip FMPLL (frequency-modulated phase-locked loop)
■ Up to 112 general purpose I/O lines
■ Power reduction modes: slow, stop, and standby
■ Flexible supply scheme – 5 V single supply with external ballast – Multiple external supply: 5 V, 3.3 V , and 1.2 V
■ Designed for LQFP176, LBGA208, PBGA324 PBGA324 (23 mm x 23 mm) LQFP176 (24 mm x 24 mm)




Similar Part No. - SPC564A70B4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564A70CAL176 STMICROELECTRONICS-SPC564A70CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
More results


Similar Description - SPC564A70B4

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
Multiply faster
logo
Grayhill, Inc
61L515-N0-040C GRAYHILL-61L515-N0-040C Datasheet
160Kb / 2P
Full Quadrature Cycle Per Detent
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
Up to 10 poles per module
logo
ATMEL Corporation
AT89LP4052 ATMEL-AT89LP4052_14 Datasheet
1Mb / 94P
Single Clock Cycle per Byte Fetch
logo
Panasonic Semiconductor
MN103SB9 PANASONIC-MN103SB9_09 Datasheet
338Kb / 3P
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
MN103SC6 PANASONIC-MN103SC6 Datasheet
330Kb / 3P
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
Up to 20 Updates per Second
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
Up to 15 white LEDs per channel
04-Jun-2012
SPC564A74B4 STMICROELECTRONICS-SPC564A74B4 Datasheet
1Mb / 157P
Up to 4 multiply and accumulate operations per cycle
18-Sep-2013
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com