Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC570S40E1 Datasheet (PDF) - STMicroelectronics

SPC570S40E1 Datasheet PDF - STMicroelectronics
Part # SPC570S40E1
Download  SPC570S40E1 Download
File Size   1246.06 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single issue 4-stage pipeline in-order execution core

SPC570S40E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC570S40E1 Datasheet PDF - STMicroelectronics

Part # SPC570S40E1
Download  SPC570S40E1 Click to download

File Size   1246.06 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single issue 4-stage pipeline in-order execution core

SPC570S40E1 Datasheet (HTML) - STMicroelectronics


SPC570S40E1 Product details

Features
■ High performance e200z0h dual core – 32-bit Power Architecture technology CPU – Core frequency as high as 80 MHz – Single issue 4-stage pipeline in-order execution core – Variable Length Encoding (VLE)
■ Up to 544 KB (512 KB code + 32 KB data, suitable for EEPROM emulation) on-chip flash memory: supports read during program and erase operations, and multiple blocks allowing EEPROM emulation
■ Up to 48 KB on-chip general-purpose SRAM
■ Multi-channel direct memory access controller (eDMA paired in lockstep) with 16 channels
■ Comprehensive new generation ASILD safety concept – Safety of bus masters (core+INTC, DMA) by delayed lockstep approach – Safety of storage (Flash, SRAM) by mainly ECC – Safety of the data path to storage and periphery by mainly End-to-End EDC (E2E EDC) – Clock and power, generation and distribution, supervised by dedicated monitors – Fault Collection and Control Unit (FCCU) for collection and reaction to failure notifications – Memory Error Management Unit (MEMU) for collection and reporting of error events in memories – Boot time MBIST and LBIST for latent faults – Check of safety mechanisms availability and error reaction path functionality by dedicated mechanisms – Safety of the periphery by application-level measures supported by replicated peripheral bridges and by LBIST – Further measures on dedicated peripherals (e.g. ADC supervisor) – Junction temperature sensor – 8-region system memory protection unit (SMPU) with process ID support (tasks isolation) – Enhanced SW watchdog – Cyclic redundancy check (CRC) unit
■ Dual phase-locked loops with stable clock domain for peripherals and FM modulation domain for computational shell
■ Nexus Class 3 debug and trace interface
■ Communication interfaces – 2 LINFlexD modules – 3 deserial serial peripheral interface (DSPI) modules – Up to 2 FlexCAN interfaces with 32 message buffers each
■ On-chip CAN/UART Bootstrap loader with Boot Assisted Flash (BAF). Physical Interface (PHY) can be – UART – CAN
■ 2 enhanced 12-bit SAR analog converters – 1.5 µs conversion time (12 MHz) – 16 physical channels (fully shared between the 2 SARADC units) – Supervisor ADC concept – Programmable Cross Triggering Unit (CTU)
■ Single 3.3 V or 5 V voltage supply
■ 4 general purpose eTimer units (6 channels each)
■ Junction temperature range -40 °C to 150 °C eTQFP64 (10 x 10 x 1.0 mm) eTQFP100 (14 x 14 x 1.0 mm)




Similar Part No. - SPC570S40E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC570S40E1 STMICROELECTRONICS-SPC570S40E1 Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E1BXXXR STMICROELECTRONICS-SPC570S40E1BXXXR Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E1BXXXY STMICROELECTRONICS-SPC570S40E1BXXXY Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E1CXXXR STMICROELECTRONICS-SPC570S40E1CXXXR Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E1CXXXY STMICROELECTRONICS-SPC570S40E1CXXXY Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
More results


Similar Description - SPC570S40E1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
32-bit RISC, load/store architecture, five-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
logo
STMicroelectronics
SPC56EL60X STMICROELECTRONICS-SPC56EL60X Datasheet
2Mb / 165P
Dual issue five-stage pipeline core
08-Jul-2015
logo
Broadcom Corporation.
BCM53001 BOARDCOM-BCM53001 Datasheet
83Kb / 2P
Dual-issue machine with out-of-order execution
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com