Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273Z4Q3 Datasheet (PDF) - STMicroelectronics

ST10F273Z4Q3 Datasheet PDF - STMicroelectronics
Part # ST10F273Z4Q3
Download  ST10F273Z4Q3 Download
File Size   1733.91 Kbytes
Page   188 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM

ST10F273Z4Q3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST10F273Z4Q3 Datasheet PDF - STMicroelectronics

Part # ST10F273Z4Q3
Download  ST10F273Z4Q3 Click to download

File Size   1733.91 Kbytes
Page   188 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM

ST10F273Z4Q3 Datasheet (HTML) - STMicroelectronics


ST10F273Z4Q3 Product details

Features
■ High performance 16-bit CPU with DSP functions – 31.25 ns instruction cycle time at 64 MHz max CPU clock – Multiply/accumulate unit (MAC) 16 x 16-bit multiplication, 40-bit accumulator – Enhanced boolean bit manipulations – Single-cycle context switching support
■ Memory organization – 512 Kbyte on-chip Flash memory single voltage with erase/program controller (full performance, 32-bit fetch) – 100K erasing/programming cycles. – Up to 16 Mbyte linear address space for code and data (5 Mbytes with CAN or I2C) – 2 Kbyte on-chip internal RAM (IRAM) – 34 Kbyte on-chip extension RAM (XRAM) – Programmable external bus configuration & characteristics for different address ranges – 5 programmable chip-select signals – Hold-acknowledge bus arbitration support
■ Interrupt – 8-channel peripheral event controller for single cycle interrupt driven data transfer – 16-priority-level interrupt system with 56 sources, sampling rate down to 15.6 ns
■ Timers – 2 multifunctional general purpose timer units with 5 timers
■ Two 16-channel capture / compare units
■ 4-channel PWM unit + 4-channel XPWM
■ A/D Converter – 24-channel 10-bit – 3 µs Minimum conversion time
■ Serial channels – 2 synch. / asynch. serial channels – 2 high-speed synchronous channels – I2C standard interface
■ 2 CAN 2.0B interfaces operating on 1 or 2 CAN busses (64 or 2x32 messages, C-CAN version)
■ Fail-safe protection – Programmable watchdog timer – Oscillator watchdog
■ On-chip bootstrap loader
■ Clock generation – On-chip PLL and 4 to 12 MHz oscillator – Direct or prescaled clock input
■ Real-time clock and 32 kHz on-chip oscillator
■ Up to 111 general purpose I/O lines – Individually programmable as input, output or special function – Programmable threshold (hysteresis)
■ Idle, power down and stand-by modes
■ Single voltage supply: 5 V ±10%. PQFP144 (28 x 28 x 3.4mm) (Plastic Quad Flat Package) LQFP144 (20 x 20 x 1.4mm) (Low Profile Quad Flat Package)




Similar Part No. - ST10F273Z4Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F273Z4Q3 STMICROELECTRONICS-ST10F273Z4Q3 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
More results


Similar Description - ST10F273Z4Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
29-Jun-2006
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
09-May-2007
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
12-Jul-2006
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
18-Jan-2008
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
15-May-2012
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
20-Aug-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com