Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124XX Datasheet (PDF) - STMicroelectronics

ST92F124XX Datasheet PDF - STMicroelectronics
Part # ST92F124XX
Download  ST92F124XX Download
File Size   4130.62 Kbytes
Page   523 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description In-Application Programming

ST92F124XX Datasheet (PDF)

Go To PDF Page Download Datasheet
ST92F124XX Datasheet PDF - STMicroelectronics

Part # ST92F124XX
Download  ST92F124XX Click to download

File Size   4130.62 Kbytes
Page   523 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description In-Application Programming

ST92F124XX Datasheet (HTML) - STMicroelectronics


ST92F124XX Product details

Features
■ Memories – Internal memory: Single Voltage Flash up to 256 Kbytes, RAM up to 8 Kbytes, 1 Kbyte E3 TM (Emulated EEPROM) – In-Application Programming (IAP) – 224 general purpose registers (register file) available as RAM, accumulators or index pointers
■ Clock, reset and supply management – Register-oriented 8/16 bit CORE with RUN, WFI, SLOW, HALT and STOP modes – 0-24 MHz Operation (Int. Clock), 4.5-5.5 V range – PLL Clock Generator (3-5 MHz crystal) – Minimum instruction time: 83 ns (24 MHz int. clock)
■ Up to 80 I/O pins
■ Interrupt management – 4 external fast interrupts + 1 NMI – Up to 16 pins programmable as wake-up or additional external interrupt with multi-level interrupt handler
■ DMA controller for reduced processor overhead
■ Timers – 16-bit Timer with 8-bit Prescaler, and Watchdog Timer (activated by software or by hardware) – 16-bit Standard Timer that can be used to generate a time base independent of PLL Clock Generator – Two 16-bit independent Extended Function Timers (EFTs) with Prescaler, up to two Input Captures and up to two Output Compares – Two 16-bit Multifunction Timers, with Prescaler, up to two Input Captures and up to two Output Compares
■ Communication interfaces – Serial Peripheral Interface (SPI) with selectable Master/Slave mode – One Multiprotocol Serial Communications Interface with asynchronous and synchronous capabilities – One asynchronous Serial Communications Interface with 13-bit LIN Synch Break generation capability – J1850 Byte Level Protocol Decoder (JBLPD) – Up to two full I²C multiple Master/Slave Interfaces supporting Access Bus – Up to two CAN 2.0B Active interfaces
■ Analog peripheral (low current coupling) – 10-bit A/D Converter with up to 16 robust input channels
■ Development tools – Free High performance development environment (IDE) based on Visual Debugger, Assembler, Linker, and C-Compiler; Real Time Operating System (OSEK OS, CMX) and CAN drivers – Hardware emulator and Flash programming board for development and ISP Flasher for production




Similar Part No. - ST92F124XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92F124CR1Q6 STMICROELECTRONICS-ST92F124CR1Q6 Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
ST92F124CR1Q6 STMICROELECTRONICS-ST92F124CR1Q6 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92F124CR1QB STMICROELECTRONICS-ST92F124CR1QB Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
More results


Similar Description - ST92F124XX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATDH2225 ATMEL-ATDH2225 Datasheet
101Kb / 7P
In-System Programming Cable
logo
Knowles Electronics
KJ-33000-002 KNOWLES-KJ-33000-002 Datasheet
356Kb / 5P
Joystick I2C Development Kit Programming and Application Note
logo
STMicroelectronics
AN593 STMICROELECTRONICS-AN593 Datasheet
56Kb / 4P
ST62 in-circuit programming
13-Jun-2008
AN1576 STMICROELECTRONICS-AN1576 Datasheet
74Kb / 15P
The In-Application Programming
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
STR7 In-Application Programming using UART
12-Jan-2007
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
STR91xFAxxx in-application programming using UART
01-Sep-2008
AN2675 STMICROELECTRONICS-AN2675 Datasheet
257Kb / 24P
STR91xFA in-application programming
04-Feb-2008
AN2737 STMICROELECTRONICS-AN2737 Datasheet
190Kb / 16P
Basic in-application programming example
02-Mar-2009
AN4045 STMICROELECTRONICS-AN4045 Datasheet
391Kb / 16P
STM32F3 series in-application programming
28-Jan-2015
X-CUBE-IAP-USART STMICROELECTRONICS-X-CUBE-IAP-USART Datasheet
115Kb / 3P
STM32Cube in-application programming using the USART embedded software
05-May-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com