Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344XX Datasheet (PDF) - STMicroelectronics

ST72344XX Datasheet PDF - STMicroelectronics
Part # ST72344XX
Download  ST72344XX Download
File Size   1998.33 Kbytes
Page   247 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SCI asynchronous serial interface

ST72344XX Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72344XX Datasheet PDF - STMicroelectronics

Part # ST72344XX
Download  ST72344XX Click to download

File Size   1998.33 Kbytes
Page   247 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SCI asynchronous serial interface

ST72344XX Datasheet (HTML) - STMicroelectronics


ST72344XX Product details

Features
■ Memories – up to 16 Kbytes Program memory: single voltage extended Flash (XFlash) with read- out and write protection, in-circuit and in- application programming (ICP and IAP). 10,000 write/erase cycles guaranteed, data retention: 20 years at 55 °C. – up to 1 Kbyte RAM – 256 bytes data EEPROM with readout protection. 300,000 write/erase cycles guaranteed, data retention: 20 years at 55 °C.
■ Clock, reset and supply management – Power on / power off safe reset with 3 programmable threshold levels (LVD) – Auxiliary voltage detector (AVD) – Clock sources: crystal/ceramic resonator oscillators, high-accuracy internal RC oscillator or external clock – PLL for 4x or 8x frequency multiplication – 5 power-saving modes: Slow, Wait, Halt, Auto-wakeup from Halt and Active-halt – Clock output capability (fCPU)
■ Interrupt management – Nested interrupt controller – 10 interrupt vectors plus TRAP and RESET – 9 external interrupt lines on 4 vectors
■ Up to 34 I/O ports – up to 34 multifunctional bidirectional I/O lines – up to 12 high sink outputs (10 on 32-pin devices)
■ 4 timers – Configurable window watchdog timer – Real-time base – 16-bit timer A with: 1 input capture, 1 output compare, external clock input, PWM and pulse generator modes – 16-bit timer B with: 2 input captures, 2 output compares, PWM and pulse generator modes
■ 3 communication interfaces – I2C multimaster / slave – I2C slave 3 addresses, no stretch, with DMA access and byte pair coherency on I²C read – SCI asynchronous serial interface (LIN compatible) – SPI synchronous serial interface
■ 1 analog peripheral – 10-bit ADC with 12 input channels (8 on 32-




Similar Part No. - ST72344XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72344 STMICROELECTRONICS-ST72344 Datasheet
3Mb / 191P
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
23-Oct-2006
More results


Similar Description - ST72344XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
ASYNCHRONOUS SERIAL CONTROLLER
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
Asynchronous Communications Interface Adapter
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
Asynchronous Serial Controller
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
Asynchronous Serial Controller
logo
Future Technology Devic...
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
Single chip USB to asynchronous serial data transfer interface
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
SCI asynchronous serial interface
16-Dec-2010
logo
Future Technology Devic...
FT232RL FTDI-FT232RL_V01 Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com