Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L15XQC Datasheet (PDF) - STMicroelectronics

STM32L15XQC Datasheet PDF - STMicroelectronics
Part # STM32L15XQC
Download  STM32L15XQC Download
File Size   1965.26 Kbytes
Page   134 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power platform

STM32L15XQC Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L15XQC Datasheet PDF - STMicroelectronics

Part # STM32L15XQC
Download  STM32L15XQC Click to download

File Size   1965.26 Kbytes
Page   134 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power platform

STM32L15XQC Datasheet (HTML) - STMicroelectronics


STM32L15XQC Product details

Features
■ Ultra-low-power platform – 1.65 V to 3.6 V power supply – -40°C to 105°C temperature range – 305 nA standby mode (3 wakeup pins) – 1.15 µA standby mode + RTC – 0.475 µA stop mode (16 wakeup lines) – 1.35 µA stop mode + RTC – 11 µA Low-power run mode – 230 µA/MHz run mode – 10 nA ultra-low I/O leakage – 8 µs wakeup time
■ Core: ARM® Cortex®-M3 32-bit CPU – From 32 kHz up to 32 MHz max – 1.25 DMIPS/MHz (Dhrystone 2.1) – Memory protection unit
■ Up to 23 capacitive sensing channels
■ CRC calculation unit, 96-bit unique ID
■ Reset and supply management – Low-power, ultrasafe BOR (brownout reset) with 5 selectable thresholds – Ultra-low-power POR/PDR – Programmable voltage detector (PVD)
■ Clock sources – 1 to 24 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – High Speed Internal 16 MHz factory- trimmed RC (+/- 1%) – Internal low-power 37 kHz RC – Internal multispeed low-power 65 kHz to 4.2 MHz – PLL for CPU clock and USB (48 MHz)
■ Pre-programmed bootloader – USB and USART supported
■ Serial wire debug, JTAG and trace
■ Up to 116 fast I/Os (102 I/Os 5V tolerant), all mappable on 16 external interrupt vectors
■ Memories – 256 KB Flash with ECC – 32 KB RAM – 8 KB of true EEPROM with ECC – 128-byte backup register
■ LCD driver (except STM32L151xC/C-A devices) up to 8x40 segments, contrast adjustment, blinking mode, step-up converter
■ Rich analog peripherals (down to 1.8V) – 2x operational amplifiers – 12-bit ADC 1 Msps up to 40 channels – 12-bit DAC 2 ch with output buffers – 2x ultra-low-power-comparators (window mode and wake up capability)
■ DMA controller 12x channels
■ 9x peripheral communication interfaces – 1x USB 2.0 (internal 48 MHz PLL) – 3x USARTs – Up to 8x SPIs (2x I2S, 3x 16 Mbit/s) – 2x I2Cs (SMBus/PMBus)
■ 11x timers: 1x 32-bit, 6x 16-bit with up to 4 IC/OC/PWM channels, 2x 16-bit basic timers, 2x watchdog timers (independent and window)




Similar Part No. - STM32L15XQC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
2Mb / 136P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
August 2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC_V01 Datasheet
2Mb / 136P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
August 2017
STM32L15XCXXXA STMICROELECTRONICS-STM32L15XCXXXA Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32L15xRC STMICROELECTRONICS-STM32L15xRC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
More results


Similar Description - STM32L15XQC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
True Low Power Platform Ultra-Low Power Technology
logo
STMicroelectronics
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
Ultra-low-power platform
07-Mar-2017
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
Ultra-low-power platform
22-Mar-2016
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
Ultra-low-power platform
28-Apr-2016
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
Ultra-low-power platform
09-Feb-2016
STM32L162VC STMICROELECTRONICS-STM32L162VC Datasheet
1Mb / 123P
Ultra-low-power platform
10-Mar-2016
STM32L162XE STMICROELECTRONICS-STM32L162XE Datasheet
1Mb / 129P
Ultra-low-power platform
09-Feb-2016
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
True Low Power Platform
logo
Silicon Laboratories
SL28610 SILABS-SL28610 Datasheet
277Kb / 23P
Low Power Clock Generator for Intel짰 Ultra Mobile Platform
logo
EM Microelectronic - MA...
EM7180SFP EMMICRO-EM7180SFP Datasheet
1Mb / 18P
Ultra Low Power Sensor Fusion Platform
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com