Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L431XX Datasheet (PDF) - STMicroelectronics

STM32L431XX Datasheet PDF - STMicroelectronics
Part # STM32L431XX
Download  STM32L431XX Download
File Size   2731.17 Kbytes
Page   200 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RTC with HW calendar, alarms and calibration

STM32L431XX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L431XX Datasheet PDF - STMicroelectronics

Part # STM32L431XX
Download  STM32L431XX Click to download

File Size   2731.17 Kbytes
Page   200 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RTC with HW calendar, alarms and calibration

STM32L431XX Datasheet (HTML) - STMicroelectronics


STM32L431XX Product details

Features
■ Ultra-low-power with FlexPowerControl – 1.71 V to 3.6 V power supply – -40 °C to 85/105/125 °C temperature range – 200 nA in VBAT mode: supply for RTC and 32x32-bit backup registers – 8 nA Shutdown mode (5 wakeup pins) – 28 nA Standby mode (5 wakeup pins) – 280 nA Standby mode with RTC – 1.0 µA Stop 2 mode, 1.28 µA Stop 2 with RTC – 84 µA/MHz run mode – Batch acquisition mode (BAM) – 4 µs wakeup from Stop mode – Brown out reset (BOR) in all modes except shutdown – Interconnect matrix
■ Core: ARM® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator™) allowing 0-wait-state execution from Flash memory, frequency up to 80 MHz, MPU, 100DMIPS/1.25DMIPS/MHz (Dhrystone 2.1), and DSP instructions
■ Performance Benchmark – 1.25 DMIPS/MHz (Drystone 2.1) – 273.55 Coremark® (3.42 Coremark/MHz @ 80 MHz)
■ Energy Benchmark – 176.7 ULPBench® score
■ Clock Sources – 4 to 48 MHz crystal oscillator – 32 kHz crystal oscillator for RTC (LSE) – Internal 16 MHz factory-trimmed RC (±1%) – Internal low-power 32 kHz RC (±5%) – Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy) – Internal 48 MHz with clock recovery – 2 PLLs for system clock, audio, ADC
■ RTC with HW calendar, alarms and calibration
■ Up to 21 capacitive sensing channels: support touchkey, linear and rotary touch sensors
■ 11x timers: 1x 16-bit advanced motor-control, 1x 32-bit and 2x 16-bit general purpose, 2x 16- bit basic, 2x low-power 16-bit timers (available in Stop mode), 2x watchdogs, SysTick timer
■ Up to 83 fast I/Os, most 5 V-tolerant
■ Memories – Up to 256 KB single bank Flash, proprietary code readout protection – 64 KB of SRAM including 16 KB with hardware parity check – Quad SPI memory interface
■ Rich analog peripherals (independent supply) – 1× 12-bit ADC 5 Msps, up to 16-bit with hardware oversampling, 200 µA/Msps – 2x 12-bit DAC, low-power sample and hold – 1x operational amplifier with built-in PGA – 2x ultra-low-power comparators
■ 15x communication interfaces – 1x SAI (serial audio interface) – 3x I2C FM+(1 Mbit/s), SMBus/PMBus – 4x USARTs (ISO 7816, LIN, IrDA, modem) – 3x SPIs (4x SPIs with the Quad SPI) – CAN (2.0B Active) and SDMMC interface – SWPMI single wire protocol master I/F – IRTIM (Infrared interface)
■ 14-channel DMA controller
■ True random number generator
■ CRC calculation unit, 96-bit unique ID UFBGA100 (7×7) LQFP64 (10x10) UFBGA64 (5x5) LQFP48 (7x7) LQFP100 (14x14) WLCSP64 UFQFPN32 (5x5) WLCSP49 UFQFPN48 (7x7)




Similar Part No. - STM32L431XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L432KB STMICROELECTRONICS-STM32L432KB Datasheet
2Mb / 149P
Batch acquisition mode
31-May-2016
STM32L432KBU6 STMICROELECTRONICS-STM32L432KBU6 Datasheet
2Mb / 149P
Batch acquisition mode
31-May-2016
STM32L432KC STMICROELECTRONICS-STM32L432KC Datasheet
2Mb / 149P
Batch acquisition mode
31-May-2016
STM32L432KCU6 STMICROELECTRONICS-STM32L432KCU6 Datasheet
2Mb / 149P
Batch acquisition mode
31-May-2016
STM32L433CB STMICROELECTRONICS-STM32L433CB Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
More results


Similar Description - STM32L431XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
SERIAL ACCESS RTC WITH ALARMS
Oct-2002
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
2-Wire RTC Real Time Clock/Calendar
September 23, 2005
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
May 8, 2006
ISL12030 INTERSIL-ISL12030 Datasheet
247Kb / 17P
Low Power RTC with 50/60 Cycle AC Input, Alarms and Daylight Savings Correction
logo
NXP Semiconductors
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
STMicroelectronics
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
logo
STMicroelectronics
AN2604 STMICROELECTRONICS-AN2604 Datasheet
139Kb / 14P
STM32F101xx and STM32F103xx RTC calibration
31-Aug-2007
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
2-Wire??RTC Real Time Clock/Calendar
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com