Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ955 Datasheet (PDF) - List of Unclassifed Manufacturers

AZ955 Datasheet PDF - List of Unclassifed Manufacturers
Part # AZ955
Download  AZ955 Download
File Size   41.36 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SUBMINIATURE PC BOARD RELAY

AZ955 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ955 Datasheet PDF - List of Unclassifed Manufacturers

Part # AZ955
Download  AZ955 Click to download

File Size   41.36 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SUBMINIATURE PC BOARD RELAY

AZ955 Datasheet (HTML) - List of Unclassifed Manufacturers


AZ955 Product details

[Zettler]

FEATURES
• Subminiature size for high density packaging
• DIL pitch terminals
• Epoxy sealed for automatic wave soldering
• High sensitivity: 150 mW nominal with 84 mW pickup
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL file E43203; CSA file LR 702514




Similar Part No. - AZ955

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ955 AZETTLER-AZ955 Datasheet
80Kb / 2P
SUBMINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ955 ZETTLER-AZ955 Datasheet
89Kb / 2P
SUBMINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ955-1C-1.5DE AZETTLER-AZ955-1C-1.5DE Datasheet
80Kb / 2P
SUBMINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ955-1C-1.5DE ZETTLER-AZ955-1C-1.5DE Datasheet
89Kb / 2P
SUBMINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ955-1C-1.5DSE AZETTLER-AZ955-1C-1.5DSE Datasheet
80Kb / 2P
SUBMINIATURE PC BOARD RELAY
More results


Similar Description - AZ955

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HA1-AC115 NAIS-HA1-AC115 Datasheet
60Kb / 3P
COST SAVING SUBMINIATURE PC BOARD RELAYS
logo
List of Unclassifed Man...
AZ957 ETC-AZ957 Datasheet
48Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ5 AZETTLER-AZ5 Datasheet
94Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ955 AZETTLER-AZ955 Datasheet
80Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ957 AZETTLER-AZ957 Datasheet
108Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ9571 AZETTLER-AZ9571 Datasheet
103Kb / 2P
SUBMINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
AZ955 ZETTLER-AZ955 Datasheet
89Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ957 ZETTLER-AZ957 Datasheet
54Kb / 2P
SUBMINIATURE PC BOARD RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com