Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C02 Datasheet (PDF) - Zilog, Inc.

Z86C02 Datasheet PDF - Zilog, Inc.
Part # Z86C02
Download  Z86C02 Download
File Size   1163.82 Kbytes
Page   37 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Two On-Board Comparators

Z86C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86C02 Datasheet PDF - Zilog, Inc.

Part # Z86C02
Download  Z86C02 Click to download

File Size   1163.82 Kbytes
Page   37 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Two On-Board Comparators

Z86C02 Datasheet (HTML) - Zilog, Inc.


Z86C02 Product details

GENERAL DESCRIPTION
Zilogs Z86C02/E02/L02 microcontrollers (MCUs) are members of the Z8® single-chip MCU family, which offer easy software/hardware system expansion.
   
FEATURES   
■ 18-Pin DIP and SOIC Packages
■ 0°C to 70°C Standard Temperature
    –40°C to 105°C Extended Temperature
    (Z86C02/E02 only)
■ 3.0V to 5.5V Operating Range (Z86C02)
    4.5V to 5.5V Operating Range (Z86E02)
    2.0V to 3.9V Operating Range (Z86L02)
■ 14 Input / Output Lines
■ Five Vectored, Prioritized Interrupts from Five Different
    Sources
■ Two On-Board Comparators
■ Software Enabled Watch-Dog Timer (WDT)
■ Programmable Interrupt Polarity
■ Two Standby Modes: STOP and HALT
■ Low-Voltage Protection
■ ROM Mask/OTP Options:
    – Low-Noise (Z86C02/E02 only)
    – ROM Protect
    – Auto Latch
    – Permanent Watch-Dog Timer (WDT)
    – RC Oscillator (Z86C02/L02 Only)
    – 32 KHz Operation (Z86C02/L02 Only)
■ One Programmable 8-Bit Counter/Timer with a 6-Bit
    Programmable Prescaler
■ Power-On Reset (POR) Timer
■ On-Chip Oscillator that Accepts RC, Crystal, Ceramic
    Resonator, LC, or External Clock Drive (C02/L02 only)
■ On-Chip Oscillator that Accepts RC or External Clock
    Drive (Z86E02 SL1903 only)
■ On-Chip Oscillator that Accepts Crystal, Ceramic
    Resonator, LC, or External Clock Drive (Z86E02 only)
■ Clock-Free WDT Reset
■ Low-Power Consumption (50mw)
■ Fast Instruction Pointer (1.5µs @ 8 MHz)
■ Fourteen Digital Inputs at CMOS Levels;
    Schmitt-Triggered
   




Similar Part No. - Z86C02

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C0000ZUSP064 ZILOG-Z86C0000ZUSP064 Datasheet
25Kb / 4P
REAL-TIME S SERIES IN-CIRCUIT EMULATOR
Z86C03 ZILOG-Z86C03 Datasheet
1Mb / 348P
General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C0316PSG ZILOG-Z86C0316PSG Datasheet
1Mb / 348P
Z86E3016PSG
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C04 ZILOG-Z86C04 Datasheet
1Mb / 348P
General-Purpose Register File. Flexible I/O. Analog Inputs
More results


Similar Description - Z86C02

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
two independent voltage comparators
logo
STMicroelectronics
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
logo
Maxim Integrated Produc...
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
Two Independent Circuits on One Board
Rev 0; 11/17
logo
OSRAM GmbH
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
Chip-on-Board
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFHB3.EM OSRAM-GW-KAFHB3.EM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFJB3.DM OSRAM-GW-KAFJB3.DM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
Chip-on-Board
logo
Maxim Integrated Produc...
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
Two Independent Circuits on One Board
Rev 0; 8/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com