Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASHEK Datasheet (PDF) - Abracon Corporation

ASHEK Datasheet PDF - Abracon Corporation
Part # ASHEK
Download  ASHEK Download
File Size   1470.28 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Electricity, gas and water metering

ASHEK Datasheet (PDF)

Go To PDF Page Download Datasheet
ASHEK Datasheet PDF - Abracon Corporation

Part # ASHEK
Download  ASHEK Click to download

File Size   1470.28 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Electricity, gas and water metering

ASHEK Datasheet (HTML) - Abracon Corporation


ASHEK Product details

FEATURES:

• Ultra low uA current consumption with CMOS output

• Miniature ceramic package (3.2 x 2.5 x 0.9mm)

• Operating Temp -40°C to +85°C

• Start up time less than 1 sec with supply voltage 1.5 to 5.0V

• Tri-state function

• Pb-free reflow capable



APPLICATIONS:

• General purpose clock generator for digital systems

• Clock drivers for Real Time Clocks

• Timekeeping in network servers and computers

• Electricity, gas and water metering

• Portable field communication

• Mobile phone

• Clock & Data recovery

• CCD clock for VTR camera

• Computers and peripherals

• Portable MP3 players & games




Similar Part No. - ASHEK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASHEK_SERIES ABRACON-ASHEK_SERIES Datasheet
1Mb / 3P
SMD CRYSTAL OSCILLATOR
10.24.14
More results


Similar Description - ASHEK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE16CLC FREESCALE-MC9S08QE16CLC Datasheet
2Mb / 2P
Low-power wireless applications, Gas, water and heater meters
logo
Silicon image
EFM32ZG108 SILICONIMAGE-EFM32ZG108 Datasheet
1Mb / 51P
Energy, gas, water and smart metering
EFM32ZG110 SILICONIMAGE-EFM32ZG110 Datasheet
1Mb / 65P
Energy, gas, water and smart metering
EFM32ZG210 SILICONIMAGE-EFM32ZG210 Datasheet
1Mb / 65P
Energy, gas, water and smart metering
EFM32ZG222 SILICONIMAGE-EFM32ZG222 Datasheet
1Mb / 66P
Energy, gas, water and smart metering
logo
TT Electronics.
DS3601 TTELEC-DS3601 Datasheet
345Kb / 4P
100mm Scale Glass Tube & Float for Gas & Water
logo
Texas Instruments
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
logo
Schneider Electric
6500W SCHNEIDER-6500W Datasheet
116Kb / 2P
Battery powered magnetic watermeter for district metering of potable water
Apr 26, 2022
IMT65W SCHNEIDER-IMT65W Datasheet
105Kb / 1P
Battery powered magnetic watertransmitter for district metering of potable water
Apr 26, 2022
logo
Rohm
BD88030FV ROHM-BD88030FV Datasheet
1Mb / 29P
For Gas Water Heaters Interface IC
16.Feb.2022 Rev.001
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com