Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIBU-40 Datasheet (PDF) - Total Power International

TPIBU-40 Datasheet PDF - Total Power International
Part # TPIBU-40
Download  TPIBU-40 Download
File Size   254.99 Kbytes
Page   2 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description 40W Open Frame Type Industrial Power Supplies

TPIBU-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIBU-40 Datasheet PDF - Total Power International

Part # TPIBU-40
Download  TPIBU-40 Click to download

File Size   254.99 Kbytes
Page   2 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description 40W Open Frame Type Industrial Power Supplies

TPIBU-40 Datasheet (HTML) - Total Power International




Similar Part No. - TPIBU-40

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
More results


Similar Description - TPIBU-40

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
40W Ultraminiature Open Frame Switching Power Supplies
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530 Datasheet
227Kb / 2P
Power Supplies - Open Frame
logo
List of Unclassifed Man...
MS4018F ETC2-MS4018F Datasheet
517Kb / 4P
40W Medical Open Frame Power Supply
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
63W Open Frame Type Medical Power Supplies
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
63W Open Frame Type Medical Power Supplies
logo
Astrodyne Corporation
ASL40 ASTRODYNE-ASL40_16 Datasheet
699Kb / 4P
40W Ultraminiature Open Frame Switching Power Supplies
logo
Total Power Internation...
TPIBU-60 TOTAL-POWER-TPIBU-60 Datasheet
344Kb / 2P
63W Open Frame Type Industrial Power Supplies
TPIBU-81 TOTAL-POWER-TPIBU-81 Datasheet
287Kb / 2P
80W Open Frame Type Industrial Power Supplies
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
150W Open Frame Type I.T.E. Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com