Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9421 Datasheet (PDF) - Vishay Siliconix

DG9421 Datasheet PDF - Vishay Siliconix
Part # DG9421
Download  DG9421 Download
File Size   71.35 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Low-Voltage, Low-Glitch CMOS Analog Switches

DG9421 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9421 Datasheet PDF - Vishay Siliconix

Part # DG9421
Download  DG9421 Click to download

File Size   71.35 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Low-Voltage, Low-Glitch CMOS Analog Switches

DG9421 Datasheet (HTML) - Vishay Siliconix


DG9421 Product details

DESCRIPTION

Using BiCMOS wafer fabrication technology allows the DG9421, DG9422 to operate on single and dual supplies. Designed for optimal performance at single 5 V and dual ± 5 V, the DG9421, DG9422 combine low and flat on-resistance (3 Ω), fast speed (tON = 38 ns) and is well suited for applications where signal switching accuracy, low noise and low distortion is critical.



FEATURES

• 2.7- thru 12 V single supply or ± 2.7- thru ± 6-dual supply

• Low on-resistance - RDS(on): 2.0 Ω at 12 V

• Fast switching - tON: 28 ns

• - tOFF: 22 ns

• TTL and low voltage logic

• Low leakage: 10 pA (typ.)

• > 2000 V ESD protection




Similar Part No. - DG9421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9421 VISHAY-DG9421 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG9421 VISHAY-DG9421 Datasheet
236Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
257Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
08-Dec-14
DG9421DV-T1 VISHAY-DG9421DV-T1 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG9421DV-T1 VISHAY-DG9421DV-T1 Datasheet
236Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
18-Jul-11
More results


Similar Description - DG9421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
High-Speed, Low-Glitch D/CMOS Analog Switches
13-Sep-99
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
18-Jul-11
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
08-Dec-14
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
Precision Monolithic Low-Voltage CMOS Analog Switches
19-Aug-13
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com