Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2976 Datasheet (PDF) - Integrated Device Technology

F2976 Datasheet PDF - Integrated Device Technology
Part # F2976
Download  F2976 Download
File Size   3997.12 Kbytes
Page   24 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description High Linearity Broadband SP2T 5MHz to 10GHz

F2976 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2976 Datasheet PDF - Integrated Device Technology

Part # F2976
Download  F2976 Click to download

File Size   3997.12 Kbytes
Page   24 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description High Linearity Broadband SP2T 5MHz to 10GHz

F2976 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - F2976

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976EVBI-50OHM RENESAS-F2976EVBI-50OHM Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976EVBI-75OHM RENESAS-F2976EVBI-75OHM Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976NEGK RENESAS-F2976NEGK Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976NEGK8 RENESAS-F2976NEGK8 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
More results


Similar Description - F2976

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Linear Technology
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Renesas Technology Corp
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 RENESAS-F2977 Datasheet
3Mb / 19P
High Linearity Broadband SP2T 30MHz to 6GHz
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com