Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9307 Datasheet (PDF) - Cirrus Logic

EP9307 Datasheet PDF - Cirrus Logic
Part # EP9307
Download  EP9307 Download
File Size   716.29 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description ARM9 SOC WITH ETHERNET USB DISPLAY AND TOUCHSCREEN

EP9307 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP9307 Datasheet PDF - Cirrus Logic

Part # EP9307
Download  EP9307 Click to download

File Size   716.29 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description ARM9 SOC WITH ETHERNET USB DISPLAY AND TOUCHSCREEN

EP9307 Datasheet (HTML) - Cirrus Logic


EP9307 Product details

OVERVIEW
The EP9307 is an ARM920T-based system-on-a-chip (SOC) design with a large peripheral set targeted to a variety of applications:
    • Thin client computers for business and home
    • Internet radio
    • Internet access devices
    • Industrial computers
    • Specialized terminals
    • Point of sale terminals
    • Test and measurement equipment

FEATURES
• 200 MHz ARM920T Processor
    • 16 Kbyte Instruction Cache
    • 16 Kbyte Data Cache
    • Linux®, Microsoft® Windows® CE enabled MMU
    • 100 MHz System Bus
• MaverickCrunch™ Math Engine
    • Floating point, integer and signal processing instructions
    • Optimized for digital music compression and decompression algorithms
    • Hardware interlocks allow in-line coding
• MaverickKey™ IDs
    • 32-bit unique ID can be used for DRM compliance 128-bit random ID
• Integrated Peripheral Interfaces
    • 32-bit SDRAM Interface up to 4 banks
    • 32/16-bit SRAM/FLASH/ROM
    • Serial EEPROM Interface
    • 1/10/100 Mbps Ethernet MAC
    • Three UARTs
    • Three-port USB 2.0 Full Speed Host (OHCI) (12 Mbits per second)
    • IrDA Interface
    • LCD and Raster Interface with Graphics Accelerator
    • Touchscreen Interface with ADC
    • 8 x 8 Keypad Scanner
    • One Serial Peripheral Interface (SPI) Port
    • 6-channel or 2-channel Serial Audio Interface (I2S)
    • 2-channel low-cost Serial Audio Interface (AC97)
• Internal Peripherals
    • 12 Direct Memory Access (DMA) Channels
    • Real-time Clock with software Trim
    • Dual PLL controls all clock domains
    • Watchdog Timer
    • Two general purpose 16-bit timers
    • One general purpose 32-bit timer
    • One 40-bit Debug Timer
    • Interrupt Controller
    • Boot ROM
• Package
    • 272 pin TFBGA




Similar Part No. - EP9307

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9307 PCA-EP9307 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9307 PCA-EP9307 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results


Similar Description - EP9307

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com