Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24CL64 Datasheet (PDF) - List of Unclassifed Manufacturers

FM24CL64 Datasheet PDF - List of Unclassifed Manufacturers
Part # FM24CL64
Download  FM24CL64 Download
File Size   96.99 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 64Kb 2.7V-3.6V FRAM Serial Memory

FM24CL64 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24CL64 Datasheet PDF - List of Unclassifed Manufacturers

Part # FM24CL64
Download  FM24CL64 Click to download

File Size   96.99 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 64Kb 2.7V-3.6V FRAM Serial Memory

FM24CL64 Datasheet (HTML) - List of Unclassifed Manufacturers


FM24CL64 Product details

[RAMTRON]

Description
The FM24CL64 is a 64-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 10 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories.

Features
64K bit Ferroelectric Nonvolatile RAM
• Organized as 8,192 x 8 bits
• Unlimited Read/Write Cycles
• 10 year Data Retention
• NoDelay™ Writes
• Advanced High-Reliability Ferroelectric Process

Fast Two-wire Serial Interface
• Up to 1 MHz maximum bus frequency
• Direct hardware replacement for EEPROM
• Supports legacy timing for 100 kHz & 400 kHz

Low Power Operation
• True 2.7V-3.6V Operation
• 75 µA Active Current (100 kHz)
• 1 µA Standby Current

Industry Standard Configuration
• Industrial Temperature -40° C to +85° C
• 8-pin SOIC




Similar Part No. - FM24CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL64 RAMTRON-FM24CL64 Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM24CL64-DG RAMTRON-FM24CL64-DG Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM24CL64-G RAMTRON-FM24CL64-G Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM24CL64-S RAMTRON-FM24CL64-S Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
64Kb Serial 3V F-RAM Memory
More results


Similar Description - FM24CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
64Kb Bytewide FRAM Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
64Kb FRAM Serial 3V Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
64Kb FRAM Serial Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
64Kb FRAM Serial Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com