Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G692H Datasheet (PDF) - List of Unclassifed Manufacturers

G692H Datasheet PDF - List of Unclassifed Manufacturers
Part # G692H
Download  G692H Download
File Size   171.32 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4-Pin UP Voltage Monitors with Manual Reset Input

G692H Datasheet (PDF)

Go To PDF Page Download Datasheet
G692H Datasheet PDF - List of Unclassifed Manufacturers

Part # G692H
Download  G692H Click to download

File Size   171.32 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4-Pin UP Voltage Monitors with Manual Reset Input

G692H Datasheet (HTML) - List of Unclassifed Manufacturers


G692H Product details

[GMT]



General Description

The G692/G693 are microprocessor (µP) supervisory circuits used to monitor the power supplies in µP and digital systems. They provide excellent circuit reliability and low cost by eliminating external components and adjustments when used with +5V, +3.3V, +3.0V- powered circuits. The G692/G693 also provide a debounced manual reset input.

These circuits perform a single function: they assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the reset threshold. Reset thresholds suitable for operation with a variety of supply voltages are available.



Features

■ Precision Monitoring of +3V, +3.3V, and +5V Power-Supply Voltages

■ Fully Specified Over Temperature

■ Available in Three Output Configurations

   Push-Pull RESET Output (G692L)

   Push-Pull RESET Output (G692H)

   Open-Drain RESET Output (G693L)

■ 140ms min Power-On Reset Pulse Width

■ 5µA Supply Current

■ Guaranteed Reset Valid to VCC = +1V

■ Power Supply Transient Immunity

■ No External Components

■ Manual Reset Input

■ 4-Pin SOT143 Package



Applications

■ Computers

■ Controllers

■ Intelligent Instruments

■ Critical µP and µC Power Monitoring

■ Portable / Battery-Powered Equipment

■ Automotive



 




Similar Part No. - G692H

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
4-Pin 關P Voltage Monitors with Manual Reset Input
More results


Similar Description - G692H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
4-Pin P Voltage Monitors with Manual Reset Input
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
4-Pin 關P Voltage Monitors with Manual Reset Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com