Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD7N20C Datasheet (PDF) - MagnaChip Semiconductor.

MDD7N20C Datasheet PDF - MagnaChip Semiconductor.
Part # MDD7N20C
Download  MDD7N20C Download
File Size   798.33 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 200V, 5.0A, 0.69(ohm)

MDD7N20C Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD7N20C Datasheet PDF - MagnaChip Semiconductor.

Part # MDD7N20C
Download  MDD7N20C Click to download

File Size   798.33 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 200V, 5.0A, 0.69(ohm)

MDD7N20C Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDD7N20C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDD7N20CRH ISC-MDD7N20CRH Datasheet
353Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDD7N20C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
June 1999
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
ON Semiconductor
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
logo
MagnaChip Semiconductor...
MDD4N20Y MGCHIP-MDD4N20Y Datasheet
810Kb / 6P
N-Channel MOSFET 200V, 3.0A, 1.35(ohm)
MDHT4N20Y MGCHIP-MDHT4N20Y Datasheet
925Kb / 6P
N-Channel MOSFET 200V, 0.85A, 1.35(ohm)
logo
Rohm
RCD051N20 ROHM-RCD051N20 Datasheet
788Kb / 14P
Nch 200V 5.0A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com