Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEC50 Datasheet (PDF) - List of Unclassifed Manufacturers

HEC50 Datasheet PDF - List of Unclassifed Manufacturers
Part # HEC50
Download  HEC50 Download
File Size   122.89 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description  SINGLE OUTPUT UP TO 15A

HEC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
HEC50 Datasheet PDF - List of Unclassifed Manufacturers

Part # HEC50
Download  HEC50 Click to download

File Size   122.89 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description  SINGLE OUTPUT UP TO 15A

HEC50 Datasheet (HTML) - List of Unclassifed Manufacturers


HEC50 Product details

[P-DUKE]

HEC50-S single output DC/DC converters provide up to 50 watts of output power in an industry standard half-brick package and footprint. These units are specifically designed to meet the power needs of low-voltage silicon. All models feature a wide input range, trimmable output voltage and a 15A current rating. Remote sense and remote on/off facilities are included as standard, and the converters are comprehensively protected against over-current, over-voltage and over-temperature conditions. The HEC50 converters are especially suited to telecom, networking and industrial application

• SINGLE OUTPUT UP TO 15A
• INDUSTRY STANDARD FOOTPRINT
• ADJUSTABLE OUTPUT VOLTAGE
• NO MINIMUM LOAD
• UNDER-VOLTAGE LOCKOUT
• HIGH EFFICIENCY UP TO 91%
• COMPACT 2.40 X 2.28 X 0.50 INCH PACKAGE
• FIXED SWITCHING FREQUENCY
• HALT TESTED




Similar Part No. - HEC50

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC50 P-DUKE-HEC50 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
HEC50-24S05 P-DUKE-HEC50-24S05 Datasheet
334Kb / 3P
50 WATTS MAXIMUM OUTPUT POWER
HEC50-24S05 P-DUKE-HEC50-24S05 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
HEC50-24S15 P-DUKE-HEC50-24S15 Datasheet
334Kb / 3P
50 WATTS MAXIMUM OUTPUT POWER
HEC50-24S15 P-DUKE-HEC50-24S15 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
More results


Similar Description - HEC50

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
DB Lectro Inc
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
logo
PREMO CORPORATION S.L
CS-050 PREMO-CS-050 Datasheet
180Kb / 1P
SMD Current Transformer Up to 15A
CA-050X PREMO-CA-050X Datasheet
290Kb / 1P
PTH SMPS Current Transformer Up to 15A
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
PTH SMPS Current Transformer Up to 15A
logo
Lineage Power Corporati...
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
36 to 75 Vdc Input; Single Output up to 25A
logo
Ericsson
PKG4428PI ERICSSON-PKG4428PI Datasheet
1Mb / 20P
DC/DC converter Input 36-72 Vdc Output up to 15A/60W
logo
List of Unclassifed Man...
9171 ETC2-9171 Datasheet
2Mb / 6P
Single and dual output models with up to 210W output power
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
Up to 15 Watts DC/DC Converter Single Output
DCHB500 WALL-DCHB500 Datasheet
533Kb / 6P
Up to 500W DC/DC Power Module Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com