Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD1904 Datasheet (PDF) - MagnaChip Semiconductor.

MDD1904 Datasheet PDF - MagnaChip Semiconductor.
Part # MDD1904
Download  MDD1904 Download
File Size   1023.04 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 10.8A, 140m(ohm)

MDD1904 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD1904 Datasheet PDF - MagnaChip Semiconductor.

Part # MDD1904
Download  MDD1904 Click to download

File Size   1023.04 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 10.8A, 140m(ohm)

MDD1904 Datasheet (HTML) - MagnaChip Semiconductor.


MDD1904 Product details

General Description
The MDD1904 uses advanced MagnaChip’s MOSFET Technology, which provides high performance in on-state resistance, fast switching performance and excellent quality. MDD1904 is suitable device for DC to DC converter and general purpose applications.

Features
❐ VDS = 100V
❐ ID = 10.8A @VGS = 10V
❐ RDS(ON) (MAX)
   < 140mΩ @VGS = 10V
   < 150mΩ @VGS = 6.0V




Similar Part No. - MDD1904

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDD1904RH ISC-MDD1904RH Datasheet
353Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDD1904

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDF1921 MGCHIP-MDF1921 Datasheet
985Kb / 6P
Single N-channel Trench MOSFET 100V, 60A, 4.8m(ohm)
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDP1922 MGCHIP-MDP1922 Datasheet
929Kb / 6P
Single N-channel Trench MOSFET 100V, 97A, 8.4m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDE10N050 MGCHIP-MDE10N050 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.0m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
MDU10N180 MGCHIP-MDU10N180 Datasheet
986Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 18m(ohm)
MDV10N1K1 MGCHIP-MDV10N1K1 Datasheet
948Kb / 5P
Single N-channel Trench MOSFET 100V, 12.3A, 110m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com