Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD3752A Datasheet (PDF) - MagnaChip Semiconductor.

MDD3752A Datasheet PDF - MagnaChip Semiconductor.
Part # MDD3752A
Download  MDD3752A Download
File Size   897.91 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)

MDD3752A Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD3752A Datasheet PDF - MagnaChip Semiconductor.

Part # MDD3752A
Download  MDD3752A Click to download

File Size   897.91 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)

MDD3752A Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDD3752A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDD3752ARH ISC-MDD3752ARH Datasheet
352Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - MDD3752A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
logo
MagnaChip Semiconductor...
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3754 MGCHIP-MDD3754 Datasheet
688Kb / 6P
P-Channel Trench MOSFET, -40V, -24.4A, 43m(ohm)
MDF1933 MGCHIP-MDF1933 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 43A, 7.5m(ohm)
MDF3752 MGCHIP-MDF3752 Datasheet
1Mb / 6P
P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
MDS1651 MGCHIP-MDS1651 Datasheet
647Kb / 6P
Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDS3753E MGCHIP-MDS3753E Datasheet
798Kb / 6P
P-Channel Trench MOSFET, -40V, -7.1A, 30m(ohm)
MDS3754A MGCHIP-MDS3754A Datasheet
814Kb / 6P
P-Channel Trench MOSFET, -40V, -6.0A, 45m(ohm)
logo
Rohm
RS1G150MN ROHM-RS1G150MN Datasheet
2Mb / 14P
Nch 40V 43A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com