Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGN200N60B Datasheet (PDF) - IXYS Corporation

IXGN200N60B Datasheet PDF - IXYS Corporation
Part # IXGN200N60B
Download  IXGN200N60B Download
File Size   67.94 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFASTTM IGBT

IXGN200N60B Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGN200N60B Datasheet PDF - IXYS Corporation

Part # IXGN200N60B
Download  IXGN200N60B Click to download

File Size   67.94 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFASTTM IGBT

IXGN200N60B Datasheet (HTML) - IXYS Corporation


IXGN200N60B Product details

Features

• International standard package miniBLOC

• Aluminium nitride isolation

- high power dissipation

• Isolation voltage 3000 V~

• Very high current, fast switching IGBT

• Low VCE(sat)

  - for minimum on-state conduction losses

• MOS Gate turn-on

  - drive simplicity

• Low collector-to-case capacitance (< 50 pF)

• Low package inductance (< 5 nH)

  - easy to drive and to protect



Applications

• AC motor speed control

• DC servo and robot drives

• DC choppers

• Uninterruptible power supplies (UPS)

• Switch-mode and resonant-mode power supplies




Similar Part No. - IXGN200N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN200N60B3 IXYS-IXGN200N60B3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
logo
Inchange Semiconductor ...
IXGN200N60B3 ISC-IXGN200N60B3 Datasheet
530Kb / 2P
IGBT
More results


Similar Description - IXGN200N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH12N60CD1 IXYS-IXGH12N60CD1 Datasheet
61Kb / 2P
HiPerFASTTM IGBT LightspeedTM Series
IXGH30B60BD1 IXYS-IXGH30B60BD1 Datasheet
114Kb / 5P
HiPerFASTTM IGBT with Diode
IXSH24N60U1 IXYS-IXSH24N60U1 Datasheet
37Kb / 2P
HiPerFASTTM IGBT with Diode
IXGH12N60B IXYS-IXGH12N60B Datasheet
34Kb / 2P
HiPerFASTTM IGBT
IXGH30N60B IXYS-IXGH30N60B Datasheet
53Kb / 2P
HiPerFASTTM IGBT
IXGH40N30BD1 IXYS-IXGH40N30BD1 Datasheet
108Kb / 4P
HiPerFASTTM IGBT
IXGN50N60B IXYS-IXGN50N60B Datasheet
118Kb / 4P
HiPerFASTTM IGBT
IXGA20N60B IXYS-IXGA20N60B Datasheet
85Kb / 4P
HiPerFASTTM IGBT
IXGK60N60C2D1 IXYS-IXGK60N60C2D1 Datasheet
620Kb / 5P
HiPerFASTTM IGBT with Diode
IXGR120N60B IXYS-IXGR120N60B Datasheet
566Kb / 5P
HiPerFASTTM IGBT ISOPLUS247TM
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com