Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95010-W Datasheet (PDF) - STMicroelectronics

M95010-W Datasheet PDF - STMicroelectronics
Part # M95010-W
Download  M95010-W Download
File Size   823.42 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Compatible with SPI bus serial interface

M95010-W Datasheet (PDF)

Go To PDF Page Download Datasheet
M95010-W Datasheet PDF - STMicroelectronics

Part # M95010-W
Download  M95010-W Click to download

File Size   823.42 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Compatible with SPI bus serial interface

M95010-W Datasheet (HTML) - STMicroelectronics


M95010-W Product details

Features
■ Compatible with SPI bus serial interface (Positive clock SPI modes)
■ Single supply voltage: – 2.5 V to 5.5 V for M950x0-W – 1.8 V to 5.5 V for M950x0-R – 1.7 V to 5.5 V for M95040-DF
■ High-speed 20 MHz clock rate, 5 ms write time
■ Memory array: – 1/2/4 Kbit (128/256/512 bytes) of EEPROM – Page size: 16 bytes – Write protection by block: 1/4, 1/2 or whole memory – Additional Write lockable Page (Identification page)
■ Enhanced ESD protection
■ More than 4 million write cycles
■ More than 200-year data retention




Similar Part No. - M95010-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95010-W STMICROELECTRONICS-M95010-W Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95010-W STMICROELECTRONICS-M95010-W Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
M95010-W STMICROELECTRONICS-M95010-W Datasheet
376Kb / 43P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
24-Sep-2009
M95010-WBN3 STMICROELECTRONICS-M95010-WBN3 Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
M95010-WBN3/W STMICROELECTRONICS-M95010-WBN3/W Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
More results


Similar Description - M95010-W

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q032A13ESE40F MICRON-N25Q032A13ESE40F Datasheet
884Kb / 82P
SPI-compatible serial bus interface
logo
ATMEL Corporation
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
Serial Peripheral Interface (SPI) Compatible
logo
Micross Components
MYXN25Q256A13ESF MICROSS-MYXN25Q256A13ESF Datasheet
1Mb / 31P
SPI-compatible serial bus interface
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com